Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIPEF1XX008BAAAX Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # MIPEF1XX008BAAAX
Description  Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

MIPEF1XX008BAAAX Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  MIPEF1XX008BAAAX Datasheet HTML 1Page - Honeywell Solid State Electronics Center MIPEF1XX008BAAAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center MIPEF1XX008BAAAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center MIPEF1XX008BAAAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center MIPEF1XX008BAAAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center MIPEF1XX008BAAAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center MIPEF1XX008BAAAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center MIPEF1XX008BAAAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIP SERIES HEAVY DUTY, MEDIA-ISOLATED PRESSURE TRANSDUCERS
MIP Series Heavy Duty, Media-Isolated Pressure Transducers Datasheet | sps.honeywell.com/ast |
4
0
1.5
2
2.5
3
1
0.5
0
Pressure (psi Absolute)
20
40
60
80
100
120
140
3.5
4
4.5
5
14.7
114.7
100 psi absolute
100 psi sealed gage
FIGURE 3. ABSOLUTE VS SEALED GAGE
Example shown is for 100 psi.
FIGURE 2. RATIOMETRIC OUTPUT TRANSFER FUNCTION
The transfer function shown here is applicable to a ratiometric
output ranging between 10 % Vsupply at null pressure to
90 % Vsupply at full scale pressure.
10
97.5
Total
Error
Band
Pmin.
Compensated Pressure Range
Pressure
0.8 x Vsupply
Output (V) =
x (Pressureapplied - Pmin.) + 0.10 x Vsupply
Ideal
Pmax.
Pmax.- Pmin.
2.5
4.875
4.5
0.5
0.125
90
TABLE 5. PRESSURE RATINGS
BAR
PSI
OPERATING
PRESSURE
OVER-
PRESSURE1
BURST
PRESSURE2
OPERATING
PRESSURE
OVER-
PRESSURE1
BURST
PRESSURE2
1 to 3
6
207
15 to 43.5
87
3000
>3 to 12
24
>43.5 to 174
348
>12 to 60
120
>174 to 870
1740
1
Overpressure: The maximum pressure which may safely be applied to the product for it to remain in specification once pressure
is returned to the operating pressure range. Exposure to higher pressures may cause permanent damage to the product.
2
Burst Pressure: The maximum pressure which may be applied without causing escape of pressure media. The product should not
be expected to function after exposure to the burst pressure.
FIGURE 4. CURRENT OUTPUT SUPPLY VOLTAGE VS TEMPERATURE
100
Operating Temperature (ºC)
105
110
115
120
125
28
24
20
16
18
22
26
30
32
10 Ohm
100 Ohm
250 Ohm
Load Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com