Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC4184 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4184
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4184 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4184 Datasheet HTML 1Page - Renesas Technology Corp 2SC4184 Datasheet HTML 2Page - Renesas Technology Corp 2SC4184 Datasheet HTML 3Page - Renesas Technology Corp 2SC4184 Datasheet HTML 4Page - Renesas Technology Corp 2SC4184 Datasheet HTML 5Page - Renesas Technology Corp 2SC4184 Datasheet HTML 6Page - Renesas Technology Corp 2SC4184 Datasheet HTML 7Page - Renesas Technology Corp 2SC4184 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC4184
2
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
TA - Ambient Temperature - ˚C
Free Air
200
150
100
50
0
50
100
150
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
IC - Collector Current - mA
10
30
5.0
1.0
TYPICAL DEVICE CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCB - Collector to Base Voltage - V
2
20
10
5
3
230
INSERTION GAIN, MAXIMUM AVAILABLE
GAIN vs. COLLECTOR CURRENT
IC - Collector Current - mA
0.5
IC - Collector Current - mA
0.5
1
70
200
15
5
110
50
100
20
10
50
510
0
IC - Collector Current - mA
70
15
0.5
50
10
1
VCE = 10 V
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
10
0.5
COLLECTOR TO BASE TIME
CONSTANT vs. COLLECTOR CURRENT
10
5
0
5
0.1
0.2
0.3
0.5
0.7
1
3
7
1
VCE = 10 V
f = 1.0 GHz
10
5
f = 1.0 MHz
0.1
VCE = 10 V
VCE = 10 V
f = 31.9 MHz
50
MAG
S21e 2
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
DC CURRENT GAIN vs.
COLLECTOR CURRENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com