Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A-N-R010-F1-K2-01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A-N-R010-F1-K2-01
Description  RHOPOINT COMPONENTS LTD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A-N-R010-F1-K2-01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A-N-R010-F1-K2-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers A-N-R010-F1-K2-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet R101-1/2 July 97
Resistor type A-N with its separated current and voltage
connections configured as a four-terminal resistor (i.e.,
Kelvin connection) is ideally suited for precise current
measurement, current limitation or regulation in power
units, current sources, and electronic loads. It is also
applied for current measurements in pulse width modulated
(PWM) control circuits for inductive users such as servo
and stepper motors and solenoid driver circuits.
Design in foil technique and application of precision
resistance alloy MANGANIN warrants for a long term
stability. By optimization of the shape, a high load capacity
was obtained while maintaining accuracy and small
inductance.
power derating curve
Temperature dependence of the electrical resistance
of ISA-PLAN Resistors
Remarks:
- Standard resistance values according to E12 with the additionel values of 2 and 5
- Minimum quantity of other values on request
- Tolerance 0.1% for values from 5 mOhm
RHOPOINT COMPONENTS LTD
dimensions ( mm )
Technical Data
Resistance Range
1 mOhm - 100 Ohm
Tolerances
0.1 %, 0.5 %, 1 %
Temperature coefficient ( TCR )
< 10 ppm/K ( 20 °C to 60 °C )
Applicable temperature range
-55 °C to +125 °C
Load capacity
1 W
Thermal resistance to ambiente
Rth < 30 K/W
Dielectric withstanding voltage
1000 V AC
Inductance ( R = 10 mOhm )
< 10 nH
Stability ( nominal load at 70 °C )
deviation < 0.05 % after 2,000 h
0
20
40
60
80
100
120
T
U / [
oC]
0.25
0.5
0.75
1
P / P
Nenn
-40
-20
20
40
60
80
100
120
T [oC]
-0.4
-0.2
0.2
∆R/R
20 [%]


Similar Description - A-N-R010-F1-K2-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC16021E8-SYL ETC2-MC16021E8-SYL Datasheet
610Kb / 10P
Midas Components Ltd
logo
Panasonic Semiconductor
EFCH942MTCD1 PANASONIC-EFCH942MTCD1 Datasheet
177Kb / 7P
CERAMIC BUSINESS UNIT , LCR DEVICE COMPANY MATSUSHITA ELECTRONIC COMPONENTS CO.,LTD. KADOMA, OSAKA, JAPAN
logo
List of Unclassifed Man...
MDF16 ETC2-MDF16 Datasheet
17Kb / 1P
ROXBURGH ELECTRONICS LTD
logo
MH Connectors, All Righ...
MHDTZK-RA MH-MHDTZK-RA Datasheet
148Kb / 1P
MH CONNECTORS LTD.
2002/95/EC AND 2002/96/EC
logo
Bridgetek Pte Ltd.
CLEO35 BRIDGETEK-CLEO35 Datasheet
1,001Kb / 28P
Bridgetek Pte Ltd
Version 1.2
CLEO50 BRIDGETEK-CLEO50 Datasheet
1Mb / 30P
Bridgetek Pte Ltd
Version 1.1
logo
MH Connectors, All Righ...
2802-0001-04 MH-2802-0001-04 Datasheet
54Kb / 1P
MH CONNECTORS LTD.
MHCCOVXX-SN-XX MH-MHCCOVXX-SN-XX Datasheet
88Kb / 1P
MH CONNECTORS LTD.
MHCCOVXXSC-BKLG MH-MHCCOVXXSC-BKLG Datasheet
112Kb / 1P
MH CONNECTORS LTD.
MHED-DSXXOF MH-MHED-DSXXOF Datasheet
68Kb / 1P
MH CONNECTORS LTD.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com