Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VC162373ADGG Datasheet(PDF) 11 Page - NXP Semiconductors

Part # VC162373ADGG
Description  16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC162373ADGG Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button VC162373ADGG Datasheet HTML 7Page - NXP Semiconductors VC162373ADGG Datasheet HTML 8Page - NXP Semiconductors VC162373ADGG Datasheet HTML 9Page - NXP Semiconductors VC162373ADGG Datasheet HTML 10Page - NXP Semiconductors VC162373ADGG Datasheet HTML 11Page - NXP Semiconductors VC162373ADGG Datasheet HTML 12Page - NXP Semiconductors VC162373ADGG Datasheet HTML 13Page - NXP Semiconductors VC162373ADGG Datasheet HTML 14Page - NXP Semiconductors VC162373ADGG Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
2004 Feb 05
11
Philips Semiconductors
Product specification
16-bit D-type transparent latch; 30
Ω series termination
resistors; 5 V tolerant inputs/outputs; 3-state
74LVC162373A;
74LVCH162373A
AC WAVEFORMS
mna429
nDn input
nQn output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL
Fig.6 Input (nDn) to output (nQn) propagation delays.
VOL and VOH are the typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.2 V
0.5
× VCC
VCC
≤ 2.5 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
mna430
nLE input
nQn output
tPHL
tW
GND
VI
VM
VM
VOH
VOL
tPLH
Fig.7 Latch enable input (nLE) pulse width, and the latch enable input to output (nQn) propagation delays.
VOL and VOH are the typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.2 V
0.5
× VCC
VCC
≤ 2.5 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com