Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2PB710ARL/DG Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 2PB710ARL/DG
Description  50 V, 500 mA PNP general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PB710ARL/DG Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  2PB710ARL/DG Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PB710ARL/DG Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PB710ARL/DG Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PB710ARL/DG Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PB710ARL/DG Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PB710ARL/DG Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PB710ARL/DG Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PB710ARL/DG Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PB710ARL/DG Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2PB710AXL_1
Product data sheet
Rev. 01 — 29 October 2008
2 of 9
Nexperia
2PB710ARL; 2PB710ASL
50 V, 500 mA PNP general-purpose transistors
2.
Pinning information
3.
Ordering information
[1]
/DG: halogen-free
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
base
2
emitter
3
collector
12
3
sym013
3
2
1
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
2PB710ARL
-
plastic surface-mounted package; 3 leads
SOT23
2PB710ASL
2PB710ARL/DG
2PB710ASL/DG
Table 5.
Marking codes
Type number
Marking code[1]
2PB710ARL
SE*
2PB710ASL
SD*
2PB710ARL/DG
SU*
2PB710ASL/DG
ST*
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com