Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2PC4617RM Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 2PC4617RM
Description  NPN general purpose transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PC4617RM Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  2PC4617RM Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PC4617RM Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PC4617RM Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PC4617RM Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PC4617RM Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PC4617RM Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PC4617RM Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2003 Jul 15
3
NXP Semiconductors
Product data sheet
NPN general purpose transistors
2PC4617M series
THERMAL CHARACTERISTICS
Notes
1.
Refer to SOT883 standard mounting conditions (footprint), FR4 with 60
μm copper strip line.
2.
Device mounted on a FR4 printed-circuit board, single-sided copper, mounting pad for collector 1 cm2.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
note 1
500
K/W
note 2
290
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 30 V; IE = 0
−
100
nA
VCB = 30 V; IE = 0; Tj = 150 °C
−
5
μA
IEBO
emitter-base cut-off current
VEB = 4 V; IC = 0
−
100
nA
hFE
DC current gain
VCE = 6 V; IC = 1 mA
2PC4617QM
120
270
2PC4617RM
180
390
2PC4617SM
270
560
VCEsat
collector-emitter saturation voltage
IC = 50 mA; IB = 5 mA; note 1
−
200
mV
Cc
collector capacitance
IE = ie = 0; VCB = 12 V; f = 1 MHz
−
1.5
pF
fT
transition frequency
VCE = 12 V; IC = 2 mA;
f = 100 MHz
100
−
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com