Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2PC4617RMB Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 2PC4617RMB
Description  50 V, 100 mA NPN general-purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PC4617RMB Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  2PC4617RMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© Nexperia B.V. 2017. All rights reserved
2PC4617XMB_SER
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 1 — 26 March 2012
5 of 10
Nexperia
2PC4617xMB series
50 V, 100 mA NPN general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp  300 s;  0.02.
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base
cut-off current
VCB =30V; IE = 0 A
-
-
100
nA
VCB =30V; IE =0A;
Tj = 150 C
--
5
A
IEBO
emitter-base
cut-off current
VEB =4V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =6V; IC =1mA
2PC4617QMB
120
-
270
2PC4617RMB
180
-
390
VCEsat
collector-emitter
saturation voltage
IC =50mA; IB =5mA
[1] -
-
200
mV
fT
transition frequency
VCE =12V; IC =2 mA;
f = 100 MHz
100
-
-
MHz
Cc
collector capacitance VCB =12V; IE =ie =0A;
f= 1MHz
--
1.5
pF
Fig 3.
Package outline DFN1006B-3 (SOT883B)
11-11-02
Dimensions in mm
2
3
0.55
0.47
0.30
0.22
1
0.40
0.34
0.30
0.22
0.20
0.12
0.65
0.04 max
0.35
0.65
0.55
1.05
0.95



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com