Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128F-ZB Datasheet(PDF) 26 Page - STMicroelectronics

Part # M58LR128F-ZB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128F-ZB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M58LR128F-ZB Datasheet HTML 22Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 23Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 24Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 25Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 26Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 27Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 28Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 29Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
M58LR128FT, M58LR128FB
26/82
See Table 11., Burst Type Definition, for the se-
quence of addresses output from a given starting
address in sequential mode.
Valid Clock Edge Bit (CR6)
The Valid Clock Edge bit, CR6, is used to config-
ure the active edge of the Clock, K, during syn-
chronous read operations. When the Valid Clock
Edge bit is Low (set to ’0’) the falling edge of the
Clock is the active edge. When the Valid Clock
Edge bit is High (set to ’1’) the rising edge of the
Clock is the active edge.
Wrap Burst Bit (CR3)
The Wrap Burst bit, CR3, is used to select be-
tween wrap and no wrap. Synchronous burst
reads can be confined inside the 4, 8 or 16 Word
boundary (wrap) or overcome the boundary (no
wrap).
When the Wrap Burst bit is Low (set to ‘0’) the
burst read wraps. When it is High (set to ‘1’) the
burst read does not wrap.
Burst length Bits (CR2-CR0)
The Burst Length bits are used to set the number
of Words to be output during a Synchronous Burst
Read operation as result of a single address latch
cycle.
They can be set for 4 Words, 8 Words, 16 Words
or continuous burst, where all the Words are read
sequentially. In continuous burst mode the burst
sequence can cross bank boundaries.
In continuous burst mode, in 4, 8 or 16 Words no-
wrap, depending on the starting address, the de-
vice asserts the WAIT signal to indicate that a de-
lay is necessary before the data is output.
If the starting address is aligned to a 4 Word
boundary no wait states are needed and the WAIT
output is not asserted.
If the starting address is shifted by 1, 2 or 3 posi-
tions from the four word boundary, WAIT will be
asserted for 1, 2 or 3 clock cycles when the burst
sequence crosses the first 16 Word boundary, to
indicate that the device needs an internal delay to
read the successive Words in the array. WAIT will
be asserted only once during a continuous burst
access. See also Table 11., Burst Type Definition.
CR14, CR5 and CR4 are reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com