Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5434 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5434
Description  NPN SILICON RF TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5434 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5434 Datasheet HTML 1Page - Renesas Technology Corp 2SC5434 Datasheet HTML 2Page - Renesas Technology Corp 2SC5434 Datasheet HTML 3Page - Renesas Technology Corp 2SC5434 Datasheet HTML 4Page - Renesas Technology Corp 2SC5434 Datasheet HTML 5Page - Renesas Technology Corp 2SC5434 Datasheet HTML 6Page - Renesas Technology Corp 2SC5434 Datasheet HTML 7Page - Renesas Technology Corp 2SC5434 Datasheet HTML 8Page - Renesas Technology Corp 2SC5434 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet PU10102EJ01V0DS
3
2SC5434
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°°°°C)
150
125
75
25
100
50
0
50
75
25
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Free Air
VCE = 3 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
20
10
0
0.5
1.0
200
20
50
100
10
12
0.5
10
20
550
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 3 V
f = 1 MHz
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
1.0
0.1
0.2
0.5
110
20
25
50
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
25
5
10
15
20
05
10
IB = 160 A
µ
140 A
µ
120 A
µ
80 A
µ
60 A
µ
40 A
µ
20 A
µ
100 A
µ
VCE = 3 V
f = 2 GHz
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
9
1
2
3
4
5
6
7
8
0
10
1
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com