Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6P41282 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 6P41282
Description  6-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo=100Ω
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6P41282 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 6P41282 Datasheet HTML 7Page - Renesas Technology Corp 6P41282 Datasheet HTML 8Page - Renesas Technology Corp 6P41282 Datasheet HTML 9Page - Renesas Technology Corp 6P41282 Datasheet HTML 10Page - Renesas Technology Corp 6P41282 Datasheet HTML 11Page - Renesas Technology Corp 6P41282 Datasheet HTML 12Page - Renesas Technology Corp 6P41282 Datasheet HTML 13Page - Renesas Technology Corp 6P41282 Datasheet HTML 14Page - Renesas Technology Corp 6P41282 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
NOVEMBER 14, 2018
13
6-OUTPUT VERY LOW-POWER PCIE GEN1–4 CLOCK GENERATOR WITH ZO=100Ω
6P41282 DATASHEET
Package Outline Drawings
The package outline drawings are located at the end of this document and accessible from the link below. The package
information is the most current data available.
www.renesas.com/us/en/document/psc/package-outline-drawing-package-code-ndg40p2-40-vfqfpn-50-x-50-x-09-mm-body-04
-mm-pitch
Ordering Information
“G” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Revision History
Part / Order Number Shipping Packaging
Package
Temperature
6P41282NDG
Trays
40-pin VFQFPN
0 to +70° C
6P41282NDG8
Tape and Reel
40-pin VFQFPN
0 to +70° C
Issue Date
Description
11/14/2018
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com