Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8P34S2108NLGI Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI Datasheet HTML 14Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 15Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 16Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 17Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 18Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 19Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 20Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 21Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
©2016-2023 Renesas Electronics Corporation
March 21, 2023
8P34S2108 Datasheet
Ordering Information
Table 13. Ordering Information
Part Number
Marking
Package Description
Carrier Type
Temperature Range
8P34S2108NLGI
IDT8P34S2108NLGI
48-lead VFQFN,
Lead-Free
Tray
-40°C to +85°C
8P34S2108NLGI8
IDT8P34S2108NLGI
Tape & Reel, Pin 1 Orientation:
EIA-481-C
8P34S2108NLGI/W
IDT8P34S2108NLGI
Tape & Reel, Pin 1 Orientation:
EIA-481-D/E
Table 14. Pin 1 Orientation in Tape and Reel Packaging
Part Number Suffix
Pin 1 Orientation
Illustration
8
Quadrant 1 (EIA-481-C)
/W
Quadrant 2 (EIA-481-D/E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com