Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8P34S2108NLGI8 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 8P34S2108NLGI8
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI8 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI8 Datasheet HTML 7Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 8Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 9Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 10Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 11Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 12Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 13Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 14Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
©2016-2023 Renesas Electronics Corporation
March 21, 2023
8P34S2108 Datasheet
Applications Information
Recommendations for Unused Input and Output Pins
Inputs:
CLK/nCLK Inputs
For applications not requiring the use of the differential input, both CLK and nCLK can be left floating. Though not required, but for
additional protection, a 1k resistor can be tied from CLK to ground.
Outputs:
LVDS Outputs
All unused LVDS output pairs can be either left floating or terminated with 100 across. If they are left floating there should be no trace
attached.
VREFX
The unused VREFA and VREFB pins can be left floating. We recommend that there is no trace attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com