Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1944T-E/4MX Datasheet(PDF) 30 Page - Microchip Technology

Part # PAC1944T-E/4MX
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/4MX Datasheet(HTML) 30 Page - Microchip Technology

Back Button PAC1944T-E/4MX Datasheet HTML 26Page - Microchip Technology PAC1944T-E/4MX Datasheet HTML 27Page - Microchip Technology PAC1944T-E/4MX Datasheet HTML 28Page - Microchip Technology PAC1944T-E/4MX Datasheet HTML 29Page - Microchip Technology PAC1944T-E/4MX Datasheet HTML 30Page - Microchip Technology PAC1944T-E/4MX Datasheet HTML 31Page - Microchip Technology PAC1944T-E/4MX Datasheet HTML 32Page - Microchip Technology PAC1944T-E/4MX Datasheet HTML 33Page - Microchip Technology PAC1944T-E/4MX Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 96 page
background image
PAC194X
DS20006543A-page 30
 2021 Microchip Technology Inc.
5.13.3
ALTERNATIVE USES FOR THE
ACCUMULATOR
For the PAC194X, the accumulator may be used to
accumulate VSENSE or VBUS values instead of
VPOWER values for any channel. This functionality is
invoked by setting bits in Register 7-19.
Setting the accumulator for a channel to accumulate
VSENSE values gives a measure of accumulated
current, which is equivalent to charge. This allows the
accumulator to be used as a coulomb counter.
For either VSENSE or VBUS, many samples may be
accumulated on chip and the result collected by the
host and divided by the accumulator counter count
value to yield an average value with a very long inte-
gration time to reduce noise. This feature is also very
useful for system calibration, allowing many averages
to be accumulated for fast averaging/noise reduction.
Calibration time can be further reduced by combining
this with the Fast mode.
5.14
Conversion Cycles
A conversion cycle for the device consists of the
analog-to-digital conversion being complete for all
channels (including the real-time calibration that is part
of each conversion cycle). Immediately following the
data conversion, the power results are calculated for
that channel and the power value is added to the accu-
mulator. Averaged values for VSENSE and VBUS are
also updated internally as part of each conversion
cycle.
Data conversion and processing are performed for
each active channel in sequential fashion until all
active channels are converted, completing the conver-
sion cycle for the device. The sequential sampling of
each channel, along with the calculation time and any
sleep time needed to set the overall sampling rate, is
referred to as a round robin sampling period.
5.15
Conversion Cycle Controls
5.15.1
REDUCING THE NUMBER OF
CHANNELS TO BE SAMPLED
Register 7-2 allows the user to reduce the number of
channels that are active. The sample rate is unaf-
fected, but power dissipation is reduced if some chan-
nels are disabled. Any or all channels may be
disabled; if all channels are disabled, the device goes
into Sleep mode.
5.15.2
BURST MODE
For the PAC194X, Burst mode is added for faster
sampling. In this mode, the round robin sequencer
enables each active channel sequentially and restarts
the round robin sequence again without sleeping in
between as it normally does. The fifth channel that is
used for offset canceling is not sampled in this mode,
the previous value for offset canceling is repeatedly
used, so sampling will not be as accurate if this mode
is used for long periods of time, especially if
temperature changes, although the 8X average
accuracy will not be significantly affected.
The effective sampling mode changes with the number
of active channels, as shown in Table 5-3. The Burst
mode is enabled by setting a bit in Register 7-2.
5.15.3
FAST MODE
Fast mode is also a mode for faster sampling. It is
similar to Burst mode, only in Fast Mode, the fifth
channel is converted and used for continuous offset
correction.
The effective sampling mode changes with the number
of active channels, as shown in Table 5-4. The Burst
mode is enabled by setting a bit in Register 7-2.
TABLE 5-3:
BURST MODE ENABLED
Active
Channels
Sampling Frequency
1
1024*5/1 = 5120 SPS
2
1024*5/2 = 2560 SPS
3
1024*5/3 = 1706 SPS
4
1024*5/4 = 1280 SPS
TABLE 5-4:
FAST MODE ENABLED
Active
Channels
Sampling Frequency
1
1024*5/2 = 2560 SPS
2
1024*5/3 = 1706.6 SPS
3
1024*5/4 = 1280 SPS
4
1024*5/5 = 1024 SPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com