Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC841AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC841AD
Description  10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC841AD Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC841AD Datasheet HTML 1Page - NXP Semiconductors 74LVC841AD Datasheet HTML 2Page - NXP Semiconductors 74LVC841AD Datasheet HTML 3Page - NXP Semiconductors 74LVC841AD Datasheet HTML 4Page - NXP Semiconductors 74LVC841AD Datasheet HTML 5Page - NXP Semiconductors 74LVC841AD Datasheet HTML 6Page - NXP Semiconductors 74LVC841AD Datasheet HTML 7Page - NXP Semiconductors 74LVC841AD Datasheet HTML 8Page - NXP Semiconductors 74LVC841AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVC841A
10-bit transparent latch with 5-volt tolerant
inputs/outputs (3-State)
1998 Jun 17
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIH
HIGH level Input voltage
VCC = 1.2V
VCC
V
VIH
HIGH level In ut voltage
VCC = 2.7 to 3.6V
2.0
V
VIL
LOW level Input voltage
VCC = 1.2V
GND
V
VIL
LOW level In ut voltage
VCC = 2.7 to 3.6V
0.8
V
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC*0.5
VOH
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
V
VOH
HIGH level out ut voltage
VCC = 3.0V; VI = VIH or VIL; IO = –18mA
VCC*0.6
V
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*1.0
VCC = 2.7V; VI = VIH or VIL; IO = 12mA
0.40
VOL
LOW level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = 100µA
GND
0.20
V
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.55
II
Input leakage current
VCC =3 6V; VI = 5 5V or GND
"01
"5
µA
II
In ut leakage current
VCC = 3.6V; VI = 5.5V or GND
"0.1
"5
µA
IOZ
3-State output OFF-state current
VCC = 3.6V; VI = VIH or VIL; VO = VCC or GND
0.1
"5
µA
ICC
Quiescent supply current
VCC = 3.6V; VI = VCC or GND; IO = 0
0.1
10
µA
∆ICC
Additional quiescent supply current per
input pin
VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0
5
500
µA
NOTE:
1
All typical values are at VCC = 3.3V and Tamb = 25°C.
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF; RL = 500W; Tamb = –40_C to +85_C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MIN
MAX
tPHL/tPLH
Propagation delay
Dn to Qn
Figures 1, 5
1.5
4.5
6.7
1.5
7.5
ns
tPHL/tPLH
Propagation delay
LE to Qn
Figures 2, 5
1.5
4.9
7.6
1.5
8.6
ns
tPZH/tPZL
3-state output enable time
OE to Qn
Figures 3, 5
1.5
5.4
7.9
1.5
8.9
ns
tPHZ/tPLZ
3-state output disable time
OE to Qn
Figures 3, 5
1.5
3.8
5.9
1.5
6.9
ns
tw
LE pulse width, HIGH
Figure 4
2.0
0.7
–
2.0
ns
tsu
Set-up time
Dn to LE
Figure 4
2.0
0.5
–
2.0
ns
th
Hold time
Dn to LE
Figure 4
1.0
–0.5
–
1.0
ns
NOTE:
1
All typical values are at VCC = 3.3V and Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com