Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85053A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF85053A
Description  Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85053A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF85053A Datasheet HTML 17Page - NXP Semiconductors PCF85053A Datasheet HTML 18Page - NXP Semiconductors PCF85053A Datasheet HTML 19Page - NXP Semiconductors PCF85053A Datasheet HTML 20Page - NXP Semiconductors PCF85053A Datasheet HTML 21Page - NXP Semiconductors PCF85053A Datasheet HTML 22Page - NXP Semiconductors PCF85053A Datasheet HTML 23Page - NXP Semiconductors PCF85053A Datasheet HTML 24Page - NXP Semiconductors PCF85053A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
NXP Semiconductors
PCF85053A
Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
0
1
2
3
4
5
6
7
8
-2
-1
aaa-009637
(3)
(2)
(1)
measured/calculated
deviation 8.51975 ppm
deviation after
correction in
OFFM = 1
+0.382 ppm
deviation after
correction in
OFFM = 0
-0.160 ppm
9
(1) 4 correction pulses in OFFM = 0 correspond to -8.680 ppm.
(2) 4 correction pulses in OFFM = 1 correspond to -8.138 ppm.
(3) Reachable accuracy zone.
Figure 9. Result of offset calibration
7.8 Oscillator register (13h)
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
13h
Oscillator
CLKIV
OFFM
-
LOWJ
OSCD[1:0]
CL[1:0]
Table 32. Oscillator register byte
Address
Register
Primary I2C
2nd I2C
Note
control bit XCLK
XCLK=1
XCLK=0
(default)
XCLK=1
XCLK=0
(default)
Only primary I2C controller
can write “XCLK” bit
13h
Oscillator Register
Read/Write Read only
Read only
Read/Write
For clock calibration
The primary I2C can change
the access capability
(see section Section 7.9)
Table 33. Oscillator register read/write capability configuration
Bit
Symbol
Value
Description
0 (default)
non-inverting; LOWJ mode will affect rising edge
D7
CLKIV
1
inverted; LOWJ mode will affect falling edge
0 (default)
normal mode: correction is made every 4 hours
D6
OFFM
1
fast mode: correction is made once every 8 minutes
D5
Rsvd
-
reserved
0 (default)
normal mode
D4
LOWJ
1
reduced CLK output jitter; increase IDD
D3-D2
OSCD[1:0]
00 (default)
normal drive; Rs(max)- 100 kΩ
Table 34. Oscillator register bit detail (default value: 00h)
PCF85053A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.0 — 31 January 2023
21 / 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com