Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FGY100T120SWD Datasheet(PDF) 2 Page - ON Semiconductor

Part # FGY100T120SWD
Description  IGBT - Power, Co-PAK N-Channel, Field Stop VII (FS7), Non-SCR, TO247-3L 1200 V, 1.7 V, 100 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FGY100T120SWD Datasheet(HTML) 2 Page - ON Semiconductor

  FGY100T120SWD Datasheet HTML 1Page - ON Semiconductor FGY100T120SWD Datasheet HTML 2Page - ON Semiconductor FGY100T120SWD Datasheet HTML 3Page - ON Semiconductor FGY100T120SWD Datasheet HTML 4Page - ON Semiconductor FGY100T120SWD Datasheet HTML 5Page - ON Semiconductor FGY100T120SWD Datasheet HTML 6Page - ON Semiconductor FGY100T120SWD Datasheet HTML 7Page - ON Semiconductor FGY100T120SWD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FGY100T120SWD
www.onsemi.com
2
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case for IGBT
RqJC
0.17
°C/W
Thermal Resistance, Junction−to−Case for Diode
0.29
Thermal Resistance, Junction−to−Ambient
RqJA
40
ELECTRICAL CHARACTERISTICS OF IGBT (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−to−Emitter Breakdown Voltage
BVCES
VGE = 0 V, IC = 5 mA
1200
V
Collector−to−Emitter Breakdown Voltage
Temperature Coefficient
DBVCES/
DTJ
1.5
V/°C
Zero Gate Voltage Collector Current
ICES
VGE = 0 V, VCE = VCES
40
mA
Gate−to−Emitter Leakage Current
IGES
VGE = 20 V, VCE = 0 V
±400
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGE(TH)
VGE = VCE, IC = 100 mA
5.6
6.55
7.4
V
Collector−to−Emitter Saturation Voltage
VCE(SAT)
VGE = 15 V, IC = 100 A, TJ = 25°C
1.35
1.69
2.0
VGE = 15 V, IC = 100 A, TJ = 175°C
2.26
DYNAMIC CHARACTERISTICS
Input Capacitance
CIES
VGE = 0 V, VCE = 30 V, f = 1 MHz
8489
pF
Output Capacitance
COES
320
Reverse Transfer Capacitance
CRES
41.4
Total Gate Charge
QG
VCE = 600 V, VGE = 15 V, IC = 100 A
284
nC
Gate−to−Emitter Charge
QGE
72.4
Gate−to−Collector Charge
QGC
101
SWITCHING CHARACTERISTICS
Turn−On Delay Time
td(on)
VCE = 600 V, VGE = 0/15 V, IC = 50 A,
RG = 4.7 W, TJ = 25°C
46.4
ns
Turn−Off Delay Time
td(off)
209.6
Rise Time
tr
30.4
Fall Time
tf
58
Turn−On Switching Loss
Eon
3.1
mJ
Turn−Off Switching Loss
Eoff
1.6
Total Switching Loss
Ets
4.7
Turn−On Delay Time
td(on)
VCE = 600 V, VGE = 0/15 V,
IC = 100 A, RG = 4.7 W, TJ = 25°C
46.4
ns
Turn−Off Delay Time
td(off)
168
Rise Time
tr
72
Fall Time
tf
51.2
Turn−On Switching Loss
Eon
8.1
mJ
Turn−Off Switching Loss
Eoff
2.8
Total Switching Loss
Ets
10.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com