Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DB1233 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9DB1233
Description  12-Output Differential Buffer for PCIe Gen3
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB1233 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9DB1233 Datasheet HTML 9Page - Renesas Technology Corp 9DB1233 Datasheet HTML 10Page - Renesas Technology Corp 9DB1233 Datasheet HTML 11Page - Renesas Technology Corp 9DB1233 Datasheet HTML 12Page - Renesas Technology Corp 9DB1233 Datasheet HTML 13Page - Renesas Technology Corp 9DB1233 Datasheet HTML 14Page - Renesas Technology Corp 9DB1233 Datasheet HTML 15Page - Renesas Technology Corp 9DB1233 Datasheet HTML 16Page - Renesas Technology Corp 9DB1233 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
©2019 Renesas Electronics Corporation
December 17, 2019
9DB1233 Datasheet
SMBus Table: Frequency Select Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
HIGH_BW#
High or Low BW
RW
High BW
Low BW
Latch
Bit 6
BYPASS#/PLL
Bypass (non-PLL Mode) or PLL Mode
RW
Bypass
PLL
Latch
Bit 5
Reserved
Reserved
RW
X
Bit 4
Reserved
Reserved
RW
X
Bit 3
Reserved
Reserved
RW
X
Bit 2
Reserved
Reserved
RW
1
Bit 1
Reserved
Reserved
RW
0
Bit 0
Reserved
Reserved
RW
1
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DIF_7
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
Bit 6
DIF_6
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
Bit 5
DIF_5
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
Bit 4
DIF_4
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
Bit 3
DIF_3
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
Bit 2
DIF_2
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
Bit 1
DIF_1
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
Bit 0
DIF_0
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
Reserved
Reserved
RW
0
Bit 6
Reserved
Reserved
RW
0
Bit 5
Reserved
Reserved
RW
0
Bit 4
Reserved
Reserved
RW
0
Bit 3
DIF_11
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
Bit 2
DIF_10
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
Bit 1
DIF_9
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
Bit 0
DIF_8
Output Control (Disable = Hi-Z)
RW
Disable
Enable
1
SMBus Table: Output Enable Readback
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
OE7#
OE# Pin Readback
R
Enabled
Disabled
X
Bit 6
OE6#
OE# Pin Readback
R
Enabled
Disabled
X
Bit 5
OE5#
OE# Pin Readback
R
Enabled
Disabled
X
Bit 4
OE4#
OE# Pin Readback
R
Enabled
Disabled
X
Bit 3
OE3#
OE# Pin Readback
R
Enabled
Disabled
X
Bit 2
OE2#
OE# Pin Readback
R
Enabled
Disabled
X
Bit 1
OE1#
OE# Pin Readback
R
Enabled
Disabled
X
Bit 0
OE0#
OE# Pin Readback
R
Enabled
Disabled
X
-
-
Reserved
Byte 0
-
-
Reserved
-
-
-
Reserved
-
Reserved
Reserved
Reserved
Byte 1
43,42
38,37
27,28
22,23
19,20
14,15
11,12
6,7
Byte 2
-
-
-
-
58,59
53,54
38,37
50,51
45,46
Byte 3
43,42
27,28
22,23
19,20
14,15
11,12
Reserved
Reserved
Reserved
Reserved
6,7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com