Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DB1933 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9DB1933
Description  Nineteen Output Differential Buffer for PCIe Gen3
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB1933 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9DB1933 Datasheet HTML 9Page - Renesas Technology Corp 9DB1933 Datasheet HTML 10Page - Renesas Technology Corp 9DB1933 Datasheet HTML 11Page - Renesas Technology Corp 9DB1933 Datasheet HTML 12Page - Renesas Technology Corp 9DB1933 Datasheet HTML 13Page - Renesas Technology Corp 9DB1933 Datasheet HTML 14Page - Renesas Technology Corp 9DB1933 Datasheet HTML 15Page - Renesas Technology Corp 9DB1933 Datasheet HTML 16Page - Renesas Technology Corp 9DB1933 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
IDT® Nineteen Output Differential Buffer for PCIe Gen3
9DB1933
Nineteen Output Differential Buffer for PCIe Gen3
13
1676A—07/12/10
SMBusTable: Reserved Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
R
1
Bit 6
R
1
Bit 5
R
1
Bit 4
R
1
Bit 3
R
1
Bit 2
R
0
Bit 1
R
1
Bit 0
R
1
SMBusTable: Output Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DIF_7
Output Control
RW
Hi-Z
Enable
1
Bit 6
DIF_6
Output Control
RW
Hi-Z
Enable
1
Bit 5
DIF_5
Output Control
RW
Hi-Z
Enable
1
Bit 4
DIF_4
Output Control
RW
Hi-Z
Enable
1
Bit 3
DIF_3
Output Control
RW
Hi-Z
Enable
1
Bit 2
DIF_2
Output Control
RW
Hi-Z
Enable
1
Bit 1
DIF_1
Output Control
RW
Hi-Z
Enable
1
Bit 0
DIF_0
Output Control
RW
Hi-Z
Enable
1
SMBusTable: Output and PLL BW Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
RW
High BW
Low BW
1
Bit 6
RW
Bypass
PLL
1
Bit 5
DIF_13
Output Control
RW
Hi-Z
Enable
1
Bit 4
DIF_12
Output Control
RW
Hi-Z
Enable
1
Bit 3
DIF_11
Output Control
RW
Hi-Z
Enable
1
Bit 2
DIF_10
Output Control
RW
Hi-Z
Enable
1
Bit 1
DIF_9
Output Control
RW
Hi-Z
Enable
1
Bit 0
DIF_8
Output Control
RW
Hi-Z
Enable
1
Note: Bit 7 is wired OR to the HIGH_BW# input, any 0 selects High BW
Note: Bit 6 is wired OR to the SMB_A2_PLLBYP# input, any 0 selects Fanout Bypass mode
SMBusTable: Output Enable Readback Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
R
X
Bit 6
R
X
Bit 5
R
X
Bit 4
R
X
Bit 3
R
X
Bit 2
R
X
Bit 1
R
X
Bit 0
R
X
72
see note
PLL_BW# adjust
see note
BYPASS# test mode / PLL
Byte 3
8
Byte 1
-
-
-
-
Byte 0
-
-
Reserved
-
-
Reserved
Reserved
Readback
Readback - OE9# Input
Readback - OE8# Input
Readback
Readback
Readback - OE7# Input
Readback
Readback - OE_01234# Input
Readback
Readback - OE5# Input
Readback - OE6# Input
Readback
Byte 2
Reserved
Readback - SMB_A2_PLLBYP# In
Readback
Readback - HIGH_BW# In
Readback
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com