Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM007 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM007
Description  Primary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM007 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM007 Datasheet HTML 1Page - STMicroelectronics TSM007 Datasheet HTML 2Page - STMicroelectronics TSM007 Datasheet HTML 3Page - STMicroelectronics TSM007 Datasheet HTML 4Page - STMicroelectronics TSM007 Datasheet HTML 5Page - STMicroelectronics TSM007 Datasheet HTML 6Page - STMicroelectronics TSM007 Datasheet HTML 7Page - STMicroelectronics TSM007 Datasheet HTML 8Page - STMicroelectronics TSM007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 2004
1/12
s
Current-mode PWM Controller
s
Internal Under Voltage Protection
s
Programmable Under Voltage
s
High-current Output Drive Suitable for
Power Mosfet
s
Programmable Soft Start
s
2kV ESD Protection
DESCRIPTION
The TSM007 integrated circuit incorporates all
circuitry to implement off line or DC-DC power
supply applications using a fixed frequency
current mode control.
Based
on
a
standard
current mode
PWM
controller, this device includes additional features
for higher integration.
APPLICATION
s
PC SMPS
PIN CONNECTIONS (top view)
ORDER CODE
N
DIP-8
(Plastic Package)
D
SO-8
(Plastic Package)
Comp
Brnout
CS
CT
Gnd
Out
Vin
Ss
1
2
3
45
6
7
8
Part Number
Temperature Range
Package
Packaging
TSM007IN
0, +95°C
DIP
Tube
TSM007ID
SO
Tube
TSM007IDT
SO
Tape & Reel
TSM007
Primary PWM Controller


Similar Part No. - TSM007

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
Primary PWM Controller
TSM006ID STMICROELECTRONICS-TSM006ID Datasheet
179Kb / 13P
Primary PWM Controller
TSM006IDT STMICROELECTRONICS-TSM006IDT Datasheet
179Kb / 13P
Primary PWM Controller
More results

Similar Description - TSM007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
Primary Side PWM Controller
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
Primary Side PWM Controller
logo
STMicroelectronics
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
Primary PWM Controller
logo
Fairchild Semiconductor
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
Primary-side-control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
Primary-Side-Control PWM Controller
logo
Texas Instruments
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com