Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM007IN Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM007IN
Description  Primary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM007IN Datasheet(HTML) 4 Page - STMicroelectronics

  TSM007IN Datasheet HTML 1Page - STMicroelectronics TSM007IN Datasheet HTML 2Page - STMicroelectronics TSM007IN Datasheet HTML 3Page - STMicroelectronics TSM007IN Datasheet HTML 4Page - STMicroelectronics TSM007IN Datasheet HTML 5Page - STMicroelectronics TSM007IN Datasheet HTML 6Page - STMicroelectronics TSM007IN Datasheet HTML 7Page - STMicroelectronics TSM007IN Datasheet HTML 8Page - STMicroelectronics TSM007IN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TSM007
Electrical Characteristics
4/12
3
Electrical Characteristics
Tamb = 25°C, Vin=12V, Ct=1.5nF unless otherwise specified
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Oscillator
Fosc
Oscillating frequency
84
100
116
kHz
Foscmax
Maximum oscillating frequency
500
kHz
∆fosc1
Typical oscillating voltage stability
12V
≤ Vin ≤ 25V
±0.5
±2.0
%
∆fosc2
Typical oscillating temperature stability 0°C
≤ Ta ≤ 70°C
±10
%
Ici
Charge current
Vct=2V
336
400
464
µA
Icd
Discharge current
Vct=2V
504
600
696
µA
Vthct
Upper trip point
3.0
V
Vtlct
Lower trip point
1.4
V
∆Vct
Amplitude
1.6
V
Brown out
Vbr
Threshold voltage
2.42
2.50
2.58
V
Ibr-on
Brown out terminal source current
Vbr=3V, 0°C
≤T≤ 70°C42
50
58
µA
Vbrin
Input voltage
-0.3
Vin
V
Comp
Icomp
Source surrent
Vcomp=5V
0.5
0.725
0.950
µA
Current sense
Avcs
Gain
0V
≤ Vcs ≤ 0.8V
2.85
3.00
3.15
Vthcs
Maximum sensing voltage
Vcomp=5V
0.9
1.0
1.1
V
PSRR
Power supply voltage rejection ratio
12V
≤ Vin ≤ 25V
70
dB
Ibcs
Input bias current
Vcs=2V
0.5
10
µA
Leading edge blanking
LEB
Delay to output
Vcs = 0 to 1 V
Vcomp = 2 V
280
ns
Output
VOL1
Output low voltage 1
Iosink=20mA
0.1
1.5
V
VOL2
Output low voltage 2
Iosink=200mA
0.8
2.2
V
VOH1
Output high voltage 1
Iosource=20mA
Vin-2.0
Vin-1.5
V
VOH2
Output high voltage 2
Iosource=200mA
Vin-3.0
Vin-1.7
V
tr
Rise time
CL=1nF, 10% to 90%
100
150
ns
tf
Fall time
CL=1nF, 90% to 10%
30
60
ns
VOL3
UVLO saturation
Vin=5V, Iosink=1mA
0.05
1.1
V
Dmax
Maximum duty cycle
54
60
66
%
Soft start
Iiss
Source current
Vss=2V
8
10
12
µA
dIiss
Temperature stability
0°C
≤ Ta ≤ 70°C
7
10
13
µA
Idss
Sink current
Vss=2V, Vbr=2V
4
mA
VHss
Clamp voltage
4.2
V
VLss
Low voltage
Vbr=2V
0.2
V
Internal Under Voltage Lockout (UVLO)
VH
UVLO top threshold
8.9
9.5
10.1
V
VL
UVLO bottom threshold
7.3
7.9
8.5
V
dVuvlo
UVLO hysteresis voltage
dVuvlo=VH-VL
1.6
V
Total current consumption
Iin
Operating current
CL=3.3nF, Vin=12V
10
13
mA
Istby
Supply current in standby mode
Vbr
≤ 1V, Vin=12V
250
350
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com