Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTA12-600SW Datasheet(PDF) 6 Page - STMicroelectronics

Part # BTA12-600SW
Description  12A TRIACS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA12-600SW Datasheet(HTML) 6 Page - STMicroelectronics

  BTA12-600SW Datasheet HTML 1Page - STMicroelectronics BTA12-600SW Datasheet HTML 2Page - STMicroelectronics BTA12-600SW Datasheet HTML 3Page - STMicroelectronics BTA12-600SW Datasheet HTML 4Page - STMicroelectronics BTA12-600SW Datasheet HTML 5Page - STMicroelectronics BTA12-600SW Datasheet HTML 6Page - STMicroelectronics BTA12-600SW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BTA/BTB12 and T12 Series
6/7
Fig. 9: Relative variation of critical rate of
decrease
of
main
current
versus
junction
temperature.
Fig. 10: D²PAK Thermal resistance junction to
ambient versus copper surface under tab (printed
circuit board FR4, copper thickness: 35
µm).
0
25
50
75
100
125
0
1
2
3
4
5
6
Tj (°C)
(dI/dt)c [Tj] / (dI/dt)c [Tj specified]
0
4
8
12
162024
28323640
0
10
20
30
40
50
60
70
80
S(cm²)
Rth(j-a) (°C/W)
D²PAK
PACKAGE MECHANICAL DATA
D²PAK (Plastic)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.25
1.40
0.048
0.055
C
0.45
0.60
0.017
0.024
C2
1.21
1.36
0.047
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.28
0.393
0.405
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
R
0.40
0.016
V2
0°
8°
0°
8°
A
C2
D
R
2.0 MIN.
FLAT ZONE
A2
V2
C
A1
G
L
L3
L2
B
B2
E
FOOTPRINT DIMENSIONS (in millimeters)
D²PAK (Plastic)
8.90
3.70
1.30
5.08
16.90
10.30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com