Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W320CT100ZB1T Datasheet(PDF) 40 Page - STMicroelectronics

Part # M28W320CT100ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT100ZB1T Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M28W320CT100ZB1T Datasheet HTML 34Page - STMicroelectronics M28W320CT100ZB1T Datasheet HTML 35Page - STMicroelectronics M28W320CT100ZB1T Datasheet HTML 36Page - STMicroelectronics M28W320CT100ZB1T Datasheet HTML 37Page - STMicroelectronics M28W320CT100ZB1T Datasheet HTML 38Page - STMicroelectronics M28W320CT100ZB1T Datasheet HTML 39Page - STMicroelectronics M28W320CT100ZB1T Datasheet HTML 40Page - STMicroelectronics M28W320CT100ZB1T Datasheet HTML 41Page - STMicroelectronics M28W320CT100ZB1T Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
M28W320CT, M28W320CB
40/42
Table 30.
µBGA47 - 8 x 6 balls, 0.75 mm pitch, Package Mechanical Data
Symbol
mm
inch
Typ
Min
Max
Typ
Min
Max
A
1.000
0.0394
A1
0.180
0.0071
A2
0.700
–
–
0.0276
–
–
b
0.350
0.300
0.400
0.0138
0.0118
0.0157
D
10.500
10.450
10.550
0.4134
0.4114
0.4154
D1
3.750
–
–
0.1476
–
–
ddd
0.080
0.0031
e
0.750
–
–
0.0295
–
–
E
6.390
6.340
6.440
0.2516
0.2496
0.2535
E1
5.250
–
–
0.2067
–
–
FD
3.375
–
–
0.1329
–
–
FE
0.570
–
–
0.0224
–
–
Figure 20.
µBGA47 - 8 x 6 balls, 0.75 mm pitch, Bottom View Package Outline
Drawing is not to scale.
D1
D
E1
E
A2
A1
A
BGA-G06
ddd
e
e
SE
SD
b
FD
FE
BALL ”A1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com