Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMS-20PC-2AS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DMS-20PC-2AS
Description  3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DMS-20PC-2AS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DMS-20PC-2AS Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-20PC-2AS Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-20PC-2AS Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-20PC-2AS Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-20PC-2AS Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-20PC-2AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
3 ½
DIGIT ,
LED
DISPLA Y
DIGIT AL
P ANEL V O L TMETERS
DMS-20PC
Applications
Figure 2. Single-Ended Input Configuration
8. Suggested Mating Connectors:
Panel mounted:
Connector housing
DATEL P/N 39-2079400
Terminal type
DATEL P/N 39-2099090
Crimping tool
DATEL P/N 39-2099000
Wire size
22 to 26 AWG
Insulation diameter
0.062" (1.57mm) maximum
Stripping length
0.100 to 0.125" (2.54 to 3.17mm)
Board mounted:
Socket
DATEL P/N 39-2359625
DMS-20PC meters are highly versatile devices that can be used in
hundreds of applications. The application circuits chosen for this
section are ones that have historically received many inquiries.
The schematic in Figure 1 shows that the meter's high-impedance
input consists of an op amp powered from a ±5Vdc power supply
(the –5V is internally generated). One can easily see why input
signals applied to (–) INPUT LO and (+) INPUT HI have to be kept
within the power supply rails of ±5V. Also note that only pin 11 has a
current-limiting 909k
Ω series resistor. High input voltages that have
a common ground with pin 3 (5V RETURN) should only be applied
to pin 11 ((+) INPUT HI) and never to pin 12. In these high-voltage
cases, pin 12 should always be tied to pin 3 (5V RETURN).
The schematic also shows that pin 3 is the meter's zero-volt
reference point — regardless of the type of power or signal source
used. This is an important point to keep in mind when a digital or
analog multimeter is used to make system measurements. The
multimeter's negative lead (usually the black one) must be
connected to pin 3 (5V RETURN).
1. Single-Ended Input Configurations: True single-ended
measurements can be made with any DMS-20PC meter. The
circuit of Figure 2 avoids problems normally associated with
ground-loop currents. Separate ground runs should be used
for 5V RETURN (pin 3) and (–) INPUT LO (pin 12).
4. DISPLAY TEST/HOLD (Pin 9) Function: Pin 9 is a dual-function
pin. On all standard models (without "-H" suffix), tying pin 9 to pin
1 (+5V SUPPLY) activates the meter's DISPLAY TEST feature.
All display segments, except the decimal points, will be
illuminated. The display will show "1888" ("–1888" if a negative
input signal is present). Do not leave the meter in the test
mode for more than 10 seconds as this will cause the
meter's operating temperature to rise and possibly affect its
performance. Pin 9 must be left open when the test function is
not being used.
On models with the "-H" suffix (DMS-20PC-1-RS-H for example),
pin 9 serves as a DISPLAY HOLD control pin. Tying pin 9 to +5V
SUPPLY (pin 1) on these models will hold or "freeze" the current
display reading indefinitely. Pin 9 must also be left open when the
hold function is not being used. After disabling DISPLAY HOLD,
allow the meter a full 10 seconds to resume normal calibrated
operation before holding a new reading.
The DISPLAY TEST or DISPLAY HOLD pin should normally be
connected, via a selector switch, to pin 1 (+5V SUPPLY). If
automatic, logic-controlled operation is desired, only PNP or
MOSFET transistors should be used. The base or gate of these
transistors should be driven sufficiently hard to bring pin 9 within
0.05V of +5V SUPPLY.
5. DISPLAY ENABLE (Pin 2) Function: On all models, tying pin 2
to pin 1 (+5V SUPPLY) applies full power to the LED display. This
is the normal mode of operating the meter. Leaving DISPLAY
ENABLE open (no connection), only turns off the LED display.
The meter's analog-to-digital converter continues to sample the
input signal. Total current consumption with the display off is
approximately 400µA (0.4mA). This is a very useful feature if the
meter is used in battery-powered equipment.
With the exception of the low-power red LED models (DMS-
20PC-X-RL), a regulated voltage lower than +5V SUPPLY can be
used to dim the display intensity. Display intensity control is best
performed with the high brightness, red LED, DMS-20PC-X-RH
model. All low-power red LED models must have DISPLAY
ENABLE tied directly to pin 1 (+5V SUPPLY). Voltages applied to
DISPLAY ENABLE must never be greater than +5V SUPPLY.
6. Gain Adjust: There is a gain-adjust potentiometer on the back
of each meter. It has approximately ±50 counts (±2.5%) range of
adjustment. Since these devices essentially have no zero/offset
errors, a gain adjustment is effectively an overall accuracy
adjustment. Though they may be performed at any point (except
zero), accuracy adjustments are most effective when performed
with higher level input signals. The circuit shown in Figure 10
provides ±10% range of adjustment.
7. Soldering Methods: All models in the DMS-20PC Series easily
withstand most common wave soldering operations. We
recommend, however, that you evaluate the effects your
particular soldering techniques may have on the meter’s plastic
case and high-precision electrical performance. We recommend
the use of water-soluble solders and thorough cleaning
procedures.
1
12
3
+5V SUP
(–) IN LO
5V RET
DATEL
UPA-5/500
120 VAC
11
(+) IN HI
6
DP1
+
–
AC to DC Converter
VIN
DMS-20PC-1
7
REF OUT
REF IN
8
2
DISPLAY
ENABLE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com