Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M59DR032E-ZFF Datasheet(PDF) 35 Page - STMicroelectronics

Part # M59DR032E-ZFF
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFF Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M59DR032E-ZFF Datasheet HTML 31Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 32Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 33Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 34Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 35Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 36Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 37Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 38Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
35/43
M59DR032EA, M59DR032EB
PART NUMBERING
Table 24. Ordering Information Scheme
Example:
M59DR032EA
10 ZB
6
T
Device Type
M59
Architecture
D = Dual Bank, Page Mode
Operating Voltage
R = 1.8V
Device Function
032EA = 32 Mbit (x16), Dual Bank: 1/8-7/8 partitioning, Top Boot
032EB = 32 Mbit (x16), Dual Bank: 1/8-7/8 partitioning, Bottom Boot
Random Speed
85 = 85ns
10 = 100ns
12 = 120ns
Package
ZB = TFBGA48: 7 x 12mm, 0.75mm pitch
ZF = TFBGA48: 7 x 7mm, 0.75mm pitch
Temperature Range
1 = 0 to 70°C
6 = –40 to 85°C
Option
blank = Standard Packing
T = Tape & Reel packing
E = Lead-Free Package, Standard Packing
F = Lead-Free Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com