Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT3906 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # MMBT3906
Description  PNP switching transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBT3906 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  MMBT3906 Datasheet HTML 1Page - Nexperia B.V. All rights reserved MMBT3906 Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBT3906 Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBT3906 Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBT3906 Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBT3906 Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBT3906 Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBT3906 Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBT3906 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2003 Mar 18
3
NXP Semiconductors
Product data sheet
PNP switching transistor
MMBT3906
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−
−50
nA
IEBO
emitter cut-off current
IC = 0; VEB = −6 V
−
−50
nA
hFE
DC current gain
VCE = −1 V; see Fig.2
IC = −0.1 mA
60
−
IC = −1 mA
80
−
IC = −10 mA
100
300
IC = −50 mA
60
−
IC = −100 mA
30
−
VCEsat
collector-emitter saturation
voltage
IC = −10 mA; IB = −1 mA
−
−250
mV
IC = −50 mA; IB = −5 mA
−
−400
mV
VBEsat
base-emitter saturation voltage
IC = −10 mA; IB = −1 mA
−
−850
mV
IC = −50 mA; IB = −5 mA
−
−950
mV
Cc
collector capacitance
IE = ie = 0; VCB = −5 V; f = 1 MHz
−
4.5
pF
Ce
emitter capacitance
IC = ic = 0; VEB = −500 mV;
f = 1 MHz
−
10
pF
fT
transition frequency
IC = −10 mA; VCE = −20 V;
f = 100 MHz
250
−
MHz
F
noise figure
IC = −100 µA; VCE = −5 V;
RS = 1 kΩ; f = 10 Hz to 15.7 kHz
−
4
dB
Switching times (between 10% and 90% levels); see Fig.7
td
delay time
ICon = −10 mA; IBon = −1 mA;
IBoff = 1 mA
−
35
ns
tr
rise time
−
35
ns
ts
storage time
−
225
ns
tf
fall time
−
75
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com