Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCR421PAS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # NCR421PAS
Description  150 mA LED driver in DFN2020D-6
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NCR421PAS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  NCR421PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Nexperia
NCR420PAS / NCR421PAS
150 mA LED driver in DFN2020D-6
7. Thermal characteristics
Table 7. Thermal characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
[1] -
-
338
K/W
[2] -
-
219
K/W
[3] -
-
236
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[4] -
-
179
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated; mounting pad for collector 1 cm2.
[3] Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[4] Device mounted on an FR4 PCB, 4-layer copper, tin-plated; mounting pad for collector 1 cm2.
006aad166
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB; single-sided copper; tin-plated and standard footprint
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aad167
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB; mounting pad for collector 1 cm2
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
NCR420PAS_NCR421PAS
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 13 May 2020
4 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com