Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCR420Z Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # NCR420Z
Description  150 mA LED driver in SOT223
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NCR420Z Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  NCR420Z Datasheet HTML 1Page - Nexperia B.V. All rights reserved NCR420Z Datasheet HTML 2Page - Nexperia B.V. All rights reserved NCR420Z Datasheet HTML 3Page - Nexperia B.V. All rights reserved NCR420Z Datasheet HTML 4Page - Nexperia B.V. All rights reserved NCR420Z Datasheet HTML 5Page - Nexperia B.V. All rights reserved NCR420Z Datasheet HTML 6Page - Nexperia B.V. All rights reserved NCR420Z Datasheet HTML 7Page - Nexperia B.V. All rights reserved NCR420Z Datasheet HTML 8Page - Nexperia B.V. All rights reserved NCR420Z Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Nexperia
NCR420Z / NCR421Z
150 mA LED driver in SOT223
6. Thermal characteristics
Table 7. Thermal characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
[1] -
-
164
K/W
[2] -
-
108
K/W
[3] -
-
100
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[4] -
-
70
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
27
K/W
[1] Device mounted on an FR4 PCB, single-sided copper (70 µm), tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper (70 µm), tin-plated; mounting pad
for collector 1 cm2.
[3] Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[4] Device mounted on an FR4 PCB, 4-layer copper, tin-plated; mounting pad for collector 1 cm2.
aaa-029432
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0
0.02
0.05
0.33
0.75
duty cycle = 1
0.01
0.10
0.20
0.50
FR4 PCB; single-sided copper; tin-plated and standard footprint
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-029433
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0
0.02
0.05
0.33
0.75
duty cycle = 1
0.10
0.20
0.50
0.01
FR4 PCB; single-sided copper, tin-plated; mounting pad for collector 1 cm 2
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
NCR420Z_NCR421Z
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 1 — 4 February 2019
4 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com