| Electronic Components Datasheet Search |
|
843441 Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
843441 Datasheet(HTML) 11 Page - Renesas Technology Corp |
|
11 / 18 page ![]() 11 ©2016 Integrated Device Technology, Inc June 30, 2016 843441 Data Sheet Peak-to-Peak Jitter Calculations A standard deviation of a statistical population or data set is the square root of its variance. A standard deviation is used to calculate the probability of an anomaly or to predict a failure. Many times, the term "root mean square" (RMS) is used synonymously for standard deviation. This is accurate when referring to the square root of the mean squared deviation of a signal from a given baseline and the data set contains a Gaussian distribution with no deterministic components. A low standard deviation indicates that the data set tends to be close to the mean with little variation. A large standard deviation indicates that the data set is spread out and has a large variation from the mean. A standard deviation is required when calculating peak-to-peak jitter. Since true peak-to-peak jitter is random and unbounded, it is important to always associate a bit error ratio (BER) when specifying a peak-to-peak jitter limit. Without it, the specification is meaningless. Given that a BER is application specific, many frequency timing devices specify jitter as an RMS. This allows the peak-to-peak jitter to be calculated for the specific application and BER requirement. Because a standard deviation is the variation from the mean of the data set, it is important to always calculate the peak-to-peak jitter using the typical RMS value. The table shows the BER with its appropriate RMS Multiplier. Once the BER is chosen, the peak to peak jitter can be calculated by simply multiplying the RMS multiplier with the typical RMS datasheet specification. For example, if a 10-12 BER is required, multiply 14.260 times the typical jitter specification. Jitter (peak-to-peak) = RMS Multiplier x RMS (typical) This calculation is not specific to one type of Jitter classification. It can be used to calculate BER on various types of RMS jitter. It is important that the user understands their jitter requirement to ensure they are calculating the correct BER for their jitter requirement. BER RMS Multiplier 10-3 6.582 10-4 7.782 10-5 8.834 10-6 9.784 10-7 10.654 10-8 11.462 10-9 12.218 10-10 12.934 10-11 13.614 10-12 14.260 10-13 14.882 10-14 15.478 10-15 16.028 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |