Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS66/67WVO16M8DBLL Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS66/67WVO16M8DBLL
Description  Long-Term Support World Class Quality
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66/67WVO16M8DBLL Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS66/67WVO16M8DBLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66/67WVO16M8DBLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Oct. 2021 • 1623 Buckeye Dr. Milpitas, CA 95035 • Tel: 408-969-6600 • Support: flash@issi.com • www.issi.com
Long-Term Support
World Class Quality
MEMORY
Den
Part Number
Type
Vcc
Frequency
Temp.Range
Package Type
ECC available
128M
IS66/67WVO16M8DALL
xSPI
1.7-1.95V
200Mhz
-40 to 125°C
24-TFBGA
NO
IS66/67WVO16M8DBLL
xSPI
2.7-3.6V
133Mhz
-40 to 125°C
24-TFBGA
NO
IS66/67WVO16M8EDALL
xSPI
1.7-1.95V
166Mhz
-40 to 125°C
24-TFBGA
YES
IS66/67WVO16M8EDBLL
xSPI
2.7-3.6V
133Mhz
-40 to 125°C
24-TFBGA
YES
256M
IS66/67WVO32M8DALL
xSPI
1.7-1.95V
200Mhz
-40 to 125°C
24-TFBGA
NO
IS66/67WVO32M8DBLL
xSPI
2.7-3.6V
133Mhz
-40 to 125°C
24-TFBGA
NO
Octal RAM
Part Number
Description
Vcc
Freq.
Temp.Range
Package
IS72WVO16M8AWO256-200HLA2
1.8V 128Mb OctalRAM + 1.8V 256Mb
xSPI Flash
1.7-1.95V
200Mhz
-40 to 105°C
24-TFBGA
IS72WVO16M8AWO256-166HLA3
1.8V 128Mb OctalRAM + 1.8V 256Mb
xSPI Flash
1.7-1.95V
166Mhz
-40 to 125°C
24-TFBGA
IS72WVO16M8AWO512-166HLA3
1.8V 128Mb OctalRAM + 1.8V 512Mb
xSPI Flash
1.7-1.95V
166Mhz
-40 to 125°C
24-TFBGA
IS72WVO32M8AWO256-200HLA2
1.8V 256Mb OctalRAM + 1.8V 256Mb
xSPI Flash
1.7-1.95V
200Mhz
-40 to 105°C
24-TFBGA
IS72WVO32M8AWO512-200HLA2
1.8V 256Mb OctalRAM + 1.8V 512Mb
xSPI Flash
1.7-1.95V
200Mhz
-40 to 105°C
24-TFBGA
IS72WVO16M8BLO256-133HLA2
3.0V 128Mb OctalRAM + 3.0V 256Mb
xSPI Flash
2.7-3.6V
133Mhz
-40 to 105°C
24-TFBGA
IS72WVO16M8BLO256-133HLA3
3.0V 128Mb OctalRAM + 3.0V 256Mb
xSPI Flash
2.7-3.6V
133Mhz
-40 to 125°C
24-TFBGA
IS72WVO16M8BLO512-133HLA3
3.0V 128Mb OctalRAM + 3.0V 512Mb
xSPI Flash
2.7-3.6V
133Mhz
-40 to 125°C
24-TFBGA
IS72WVO32M8BLO256-133HLA2
3.0V 256Mb OctalRAM + 3.0V 256Mb
xSPI Flash
2.7-3.6V
133Mhz
-40 to 105°C
24-TFBGA
IS72WVO16M8BLO512-133HLA2
3.0V 256Mb OctalRAM + 3.0V 512Mb
xSPI Flash
2.7-3.6V
133Mhz
-40 to 105°C
24-TFBGA
Octal MCP
Octal Memory
Octal Flash | Octal RAM | Octal MCP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com