Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0RB Datasheet(PDF) 194 Page - STMicroelectronics

Part # STM32H7B0RB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB Datasheet(HTML) 194 Page - STMicroelectronics

Back Button STM32H7B0RB Datasheet HTML 190Page - STMicroelectronics STM32H7B0RB Datasheet HTML 191Page - STMicroelectronics STM32H7B0RB Datasheet HTML 192Page - STMicroelectronics STM32H7B0RB Datasheet HTML 193Page - STMicroelectronics STM32H7B0RB Datasheet HTML 194Page - STMicroelectronics STM32H7B0RB Datasheet HTML 195Page - STMicroelectronics STM32H7B0RB Datasheet HTML 196Page - STMicroelectronics STM32H7B0RB Datasheet HTML 197Page - STMicroelectronics STM32H7B0RB Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 205 page
background image
Date
Revision
Changes
Updated Table 66. Output timing characteristics (HSLV OFF) and
Table 67. Output timing characteristics (HSLV ON).
Updated Table 60. ESD absolute maximum ratings.
Added notes related to performance degradation at VOS1 in Section 6.3.18 FMC
characteristics, Section 6.3.19 Octo-SPI interface characteristics,
Section 6.3.32 PSSI interface characteristics, Section 6.3.33 LCD-
TFT controller (LTDC) characteristics, Section 6.3.36.2 USART
interface characteristics, Section 6.3.36.3 SPI interface characteristics,
Section 6.3.36.4 I2S Interface characteristics, Section 6.3.36.5 SAI
characteristics, Section 6.3.36.6 MDIO characteristics, Section 6.3.36.7 SD/
SDIO MMC card host interface (SDMMC) characteristics, Section 6.3.36.9 USB
OTG_HS characteristics and Section 6.3.36.10 JTAG/SWD interface
characteristics. Updated F(CLK) measurement conditions in Table 88. OCTOSPI
characteristics in SDR mode and Table 89. OCTOSPI characteristics in DTR
mode (with DQS)/Octal and Hyperbus.
Added Figure 45. ADC conversion timing diagram.
Added Section 6.3.32 PSSI interface characteristics.
Updated Figure 57. USART timing diagram in Master mode and
Figure 58. USART timing diagram in Slave mode.
Added note related to ULPI transceivers operating at 1.8 V in
Table 123. Dynamics characteristics: USB ULPI.
16-Sep-2020
4
Updated VDDMMC separate supply pad in Section 2 Description.
In Section 3.31 True random number generator (RNG), changed "random
number generator" in "true random number generator" and description updated.
Updated Figure 12. Power supply scheme and Section 6.3.2 VCAP external
capacitor.
Added VBAT in Section 6.3.1 General operating conditions.
Updated High-speed external user clock generated from an external source and
Low-speed external user clock generated from an external source.
Added reference to application note AN4899 in Section 6.3.16 I/O port
characteristics.
Updated DuCyCKOUT in Table 106. DFSDM measured timing 1.62-3.6 V
Updated and .
28-Sep-2020
5
Updated VHSEL maximum value in Table 45. High-speed external user clock
characteristics.
04-May-2021
6
Added indication that patents apply to the devices in Section Features.
Added reference to errata sheet in Section 1 Introduction.
Updated WKUP signals in Figure 1. STM32H7B0xB block diagram and in
Table 7. STM32H7B0xB pin/ball definition.
Updated Section 3.40 Serial peripheral interfaces (SPI)/integrated interchip
sound interfaces (I2S).
Added note to TRIM parameter in Table 50. HSI oscillator characteristics.
Extended Figure 46. ADC accuracy characteristics to both ADC resolutions and
updated Figure 47. Typical connection diagram using the ADC with FT/TT pins
featuring analog switch function.
Replace 110 °C by 130 °C in Table 98. Analog temperature sensor calibration
values.
Updated tsu(ADV-CLKH), th(CLKH-ADV), tsu(NWAIT-CLKH) and th(CLKH-NWAIT) minimum
values in Table 9. Updated tsu(DV-CLKH), th(CLKH-DV), t(NWAIT-CLKH) and th(CLKH-
NWAIT) minimum values in Table 80. Synchronous non-multiplexed NOR/PSRAM
read timings. Updated tsu(SDCLKH _Data) and th(SDCLKH _Data) minimum values in
Table 84. SDRAM read timings. Updated tsu(SDCLKH_Data) and th(SDCLKH_Data)
minimum values in Table 85. LPSDR SDRAM read timings.
STM32H7B0xB
DS13196 - Rev 7
page 194/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com