Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0RB Datasheet(PDF) 195 Page - STMicroelectronics

Part # STM32H7B0RB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB Datasheet(HTML) 195 Page - STMicroelectronics

Back Button STM32H7B0RB Datasheet HTML 191Page - STMicroelectronics STM32H7B0RB Datasheet HTML 192Page - STMicroelectronics STM32H7B0RB Datasheet HTML 193Page - STMicroelectronics STM32H7B0RB Datasheet HTML 194Page - STMicroelectronics STM32H7B0RB Datasheet HTML 195Page - STMicroelectronics STM32H7B0RB Datasheet HTML 196Page - STMicroelectronics STM32H7B0RB Datasheet HTML 197Page - STMicroelectronics STM32H7B0RB Datasheet HTML 198Page - STMicroelectronics STM32H7B0RB Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 205 page
background image
Date
Revision
Changes
Section 6.3.19 Octo-SPI interface characteristics:
•
Updated tS(IN)//tH(IN) conditions and minimum values in Table 88. OCTOSPI
characteristics in SDR mode and updated Figure 40. OctoSPI timing
diagram - SDR mode.
•
Updated Table 89. OCTOSPI characteristics in DTR mode (with DQS)/
Octal and Hyperbus and Figure 41. OctoSPI timing diagram - DTR mode.
•
Updated Figure 42. OctoSPI Hyperbus clock, Figure 43. OctoSPI Hyperbus
read and Figure 44. OctoSPI Hyperbus write.
Table 116. SPI dynamic characteristics:
•
Changed tsu(MI) and th(MI) minimum values in Master mode.
•
Removed tw(SCKH), tw(SCKL).
Table 120. Dynamics characteristics: SDMMC characteristics, VDD=2.7 to 3.6 V:
•
Modified tISU and tIH minimum values for CMD/ D inputs in High-speed
mode.
•
Modified tISUD and tIH minimum values for CMD/ D inputs in Default mode.
Table 121. Dynamics characteristics: eMMC characteristics VDD=1.71V to 1.9V:
•
Removed SDIO_CK/fPCLK2 frequency ratio.
•
Modified tISU and tIH minimum values in CMD, D inputs (referenced to CK)
in eMMC mode.
Section 7.5 UFBGA169 package information:
•
Added note 2 below Figure 85. UFBGA169 - Outline.
•
Updated Table 130. UFBGA169 - Mechanical data.
•
Removed note related to non-solder mask below Figure 86. UFBGA169 -
Recommended footprint.
Section 7.6 UFBGA(176+25) package information:
•
Added note 2 below .
•
Updated .
19-May-2022
7
Renamed SPIx_NSS signal into SPIx_SS.
Updated Table 18. Current characteristics.
Removed fTraceCK / fJTCK from Table 21. Maximum allowed clock frequencies.
Updated note 3 in Table 38. Typical current consumption in System Stop mode.
Updated Table 64. Output voltage characteristics for all I/Os except PC13, PC14,
PC15 and PI8 and Table 65. Output voltage characteristics for PC13, PC14,
PC15 and PI8. Added Table 68. Pxy_C and Pxy analog switch characteristics.
Added note to td(SDCLKL- SDNE) maximum value in Table 84. SDRAM read
timings, Table 85. LPSDR SDRAM read timings, Table 86. SDRAM write timings
and Table 87. LPSDR SDRAM write timings.
Updated Figure 47. Typical connection diagram using the ADC with FT/TT pins
featuring analog switch function and notes below figures.
Added note to tSAMP in Table 94. DAC characteristics.
Updated Table 106. DFSDM measured timing 1.62-3.6 V.
In Table 115. USART characteristics, replaced tsu(SI) and tsu(MI) by tsu(RX), th(SI)
and th(MI) by th(RX), tv(SO) and tv(MO) by tv(TX), and th(SO) and th(MO) by th(TX).
Updated Section 7.1 LQFP64 package information, Section 7.2 LQFP100
package information, Section 7.5 UFBGA169 package information and
Section 7.6 UFBGA(176+25) package information.
Added Section Important security notice.
STM32H7B0xB
DS13196 - Rev 7
page 195/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com