Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B3LI Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32H7B3LI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3LI Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32H7B3LI Datasheet HTML 63Page - STMicroelectronics STM32H7B3LI Datasheet HTML 64Page - STMicroelectronics STM32H7B3LI Datasheet HTML 65Page - STMicroelectronics STM32H7B3LI Datasheet HTML 66Page - STMicroelectronics STM32H7B3LI Datasheet HTML 67Page - STMicroelectronics STM32H7B3LI Datasheet HTML 68Page - STMicroelectronics STM32H7B3LI Datasheet HTML 69Page - STMicroelectronics STM32H7B3LI Datasheet HTML 70Page - STMicroelectronics STM32H7B3LI Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 238 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
97
B4
138
F8
D5
B4
170
B3
-
D4
97
141
A4
169
A6
PE0
I/O
FT_h2
LPTIM1_ETR,
TIM4_ETR,
LPTIM2_ETR,
UART8_RX,
SAI2_MCK_A,
FMC_NBL0, DCMI_D2/
PSSI_D2, LCD_R0,
EVENTOUT
-
-
C4
139
C9
D4
C4
171
C4
-
C4
98
142
A3
170
A5
PE1
I/O
FT_h2
LPTIM1_IN2,
UART8_TX,
FMC_NBL1, DCMI_D3/
PSSI_D3, LCD_R6,
EVENTOUT
-
-
-
140
A10
A4
A4
172
E6
-
-
-
-
-
-
-
VCAP
S
-
-
-
98
-
141
B10
-
K10
173
-
63
E4
99
-
-
-
F6
VSS
S
-
-
-
-
D3
142
D9
C4
D4
174
D5
-
F7
-
143
C6
171
E5
PDR_ON
S
-
-
-
99
-
143
A11
B4
A3
175
F5
-
-
-
-
-
-
-
VDDLDO
S
-
-
-
100
-
-
-
-
-
-
-
64
-
100
144
-
172
E7
VDD
S
-
-
-
-
-
-
-
-
-
-
A2
-
-
-
-
D4
173
C3
PI4
I/O
FT_h2
TIM8_BKIN,
SAI2_MCK_A,
TIM8_BKIN_COMP12,
FMC_NBL2, DCMI_D5/
PSSI_D5, LCD_B4,
EVENTOUT
-
-
-
-
-
-
-
-
B2
-
-
-
-
C4
174
D3
PI5
I/O
FT_h2
TIM8_CH1,
SAI2_SCK_A,
FMC_NBL3,
DCMI_VSYNC/
PSSI_RDY, LCD_B5,
EVENTOUT
-
-
-
-
-
-
-
-
C3
-
-
-
-
C3
175
D6
PI6
I/O
FT_h2
TIM8_CH2,
SAI2_SD_A,
FMC_D28, DCMI_D6/
PSSI_D6, LCD_B6,
EVENTOUT
-
-
-
-
-
-
-
-
D4
-
-
-
-
C2
176
D4
PI7
I/O
FT_h2
TIM8_CH3,
SAI2_FS_A, FMC_D29,
DCMI_D7/PSSI_D7,
LCD_B7, EVENTOUT
-
-
-
-
-
-
K12
-
-
-
-
-
-
J6
-
-
VSS
S
-
-
-
-
-
144
A12
-
-
176
-
-
-
-
-
-
-
-
VDD
S
-
-
-
-
-
-
-
-
G8
-
-
-
-
-
-
D7
-
-
VSS
S
-
-
-
-
-
-
-
-
G9
-
-
-
-
-
-
D8
-
-
VSS
S
-
-
-
-
-
-
-
-
H7
-
-
-
-
-
-
F8
-
-
VSS
S
-
-
-
-
-
-
-
-
H8
-
-
-
-
-
-
G12
-
-
VSS
S
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
F9
-
-
VSS
S
-
-
-
-
-
-
-
-
H9
-
-
-
-
-
-
H9
-
-
VSS
S
-
-
-
-
-
-
-
-
J8
-
-
-
-
-
-
H10
-
-
VSS
S
-
-
-
-
-
-
-
-
K9
-
-
-
-
-
-
J7
-
-
VSS
S
-
-
-
-
-
-
-
-
R15
-
-
-
-
-
-
J8
-
-
VSS
S
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
G6
-
-
VSS
S
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
K6
-
-
VSS
S
-
-
-
STM32H7B3xI
Pin descriptions
DS13139 - Rev 8
page 67/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com