Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJI Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32U5A5QJI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJI Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32U5A5QJI Datasheet HTML 16Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 17Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 18Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 19Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 20Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 21Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 22Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 23Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 382 page
background image
Description
STM32U5Axxx
20/382
DS13543 Rev 1
RNG (true random
number generator)
Yes
SAES, AES
Yes
PKA (public key
accelerator)
Yes
HASH (SHA-256)
Yes
OTFDEC (on-the-fly
decryption for OCTOSPI)
Yes
GPIOs (without SMPS /
with SMPS)
Wake-up pins (without
SMPS / with SMPS)
Number of I/Os down to
1.08 V (without SMPS /
with SMPS)
51/47
18/17
0/0
82/79
23/22
0/0
110/106
24/24
13/10
114/111
24/23
14/13
NA/115
NA/24
NA/14
NA/108
NA/24
NA/7
136/133
24/24
14/11
NA/145
NA/24
NA/14
NA/156
NA/24
NA/14
Capacitive sensing
Number of channels
(without SMPS
/with SMPS)
10/9
19/18
22/22
22/21
NA/22
22/22
NA/22
ADC
12-bit ADC
1
14-bit ADC
2
Nb of channels
(without SMPS /
with SMPS)
17/15
20/18
24/24
24/22
NA/24
24/24
NA/24
DAC
12-bit DAC
1
Nb of 12-bit
D-to-A conv.
2
Internal voltage reference
buffer
No
Yes
Analog comparator
2
Operational amplifiers
2
Maximum CPU frequency
160 MHz
Operating voltage
1.71 to 3.6 V
Operating temperature
Ambient operating temperature: –40 to +85 °C / –40 to +125 °C
Junction temperature: –40 to +105 °C / –40 to +130 °C
Package
LQFP
64
LQFP
100
UFBGA
132
LQFP
144
WLCSP150
TFBGA
169
WLCSP
208
TFBGA
216
Table 2. STM32U5Axxx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com