Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U545CEU6QTR Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32U545CEU6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6QTR Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32U545CEU6QTR Datasheet HTML 144Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 145Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 146Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 147Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 148Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 149Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 150Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 151Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 283 page
background image
IDD
(Run)
Supply
current in
Run mode
fHCLK = fPLL = 160 MHz,
PLL on HSE 16 MHz in bypass
mode,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 1
Reduced Code
10.00
7.35
6.95
mA
62.50
45.94
43.44
µA/
MHz
CoreMark
10.00
7.30
6.90
62.50
45.63
43.13
SecureMark
11.00
7.95
7.45
68.75
49.69
46.56
Dhrystone 2.1
10.50
7.70
7.30
65.63
48.13
45.63
Fibonacci
8.05
5.90
5.55
50.31
36.88
34.69
while
7.55
5.55
5.25
47.19
34.69
32.81
fHCLK = fPLL = 110 MHz,
PLL on HSE 16 MHz in bypass
mode,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 2
Reduced Code
6.00
4.50
4.30
54.55
40.91
39.09
CoreMark
5.95
4.45
4.25
54.09
40.45
38.64
SecureMark
6.50
4.90
4.65
59.09
44.55
42.27
Dhrystone 2.1
6.30
4.70
4.50
57.27
42.73
40.91
Fibonacci
4.80
3.65
3.50
43.64
33.18
31.82
while
4.55
3.45
3.30
41.36
31.36
30.00
fHCLK = fHSE = 55 MHz,
all peripherals disabled,
Flash bank 2 in power down,
all SRAMs enabled
Range 3
Reduced Code
2.75
2.20
2.10
50.00
40.00
38.18
CoreMark
2.70
2.15
2.10
49.09
39.09
38.18
SecureMark
2.95
2.35
2.25
53.64
42.73
40.91
Dhrystone 2.1
2.85
2.25
2.20
51.82
40.91
40.00
Fibonacci
2.15
1.75
1.70
39.09
31.82
30.91
while
2.00
1.65
1.60
36.36
30.00
29.09
1. The current consumption from SRAM is similar.
Table 43. Typical current consumption in Run mode on SMPS, with different codes
running from flash memory, ICACHE ON (1-way), prefetch ON(1) (continued)
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage
scaling
Code
1.8 V
3 V
3.3 V
1.8 V
3 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com