Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U545CEU6QTR Datasheet(PDF) 149 Page - STMicroelectronics

Part # STM32U545CEU6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6QTR Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32U545CEU6QTR Datasheet HTML 145Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 146Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 147Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 148Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 149Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 150Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 151Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 152Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 283 page
background image
Table 44. Current consumption in Sleep mode on LDO, flash memory in power down
Parameter
Conditions
Typ
Max(1)
Unit
-
Voltage
scaling
fHCLK
(MHz)
25°C
55°C
85°C 105°C 125°C 25°C
55°C
85°C 105°C 125°C
IDD
(Sleep)
Supply
current in
Sleep
mode
fHCLK = fMSI,
all peripherals disabled
Range 4
24
0.49
0.63
1.05
1.70
2.95
0.73
1.20
2.50
4.40
8.10
mA
16
0.37
0.51
0.93
1.60
2.85
0.60
1.10
2.30
4.30
8.00
12
0.31
0.45
0.88
1.55
2.80
0.54
0.96
2.30
4.20
8.00
4
0.16
0.30
0.72
1.40
2.65
0.37
0.79
2.10
4.10
7.80
2
0.13
0.27
0.69
1.35
2.60
0.34
0.76
2.10
4.00
7.80
1
0.12
0.26
0.68
1.35
2.60
0.32
0.74
2.00
4.00
7.80
0.4
0.11
0.240.671.30
2.55
0.310.722.003.90
7.70
0.1
0.10
0.24
0.66
1.30
2.55
0.30
0.72
2.00
3.90
7.70
fHCLK = PLL on HSE 16 MHz
in bypass mode,
all peripherals disabled
Range 1
160
4.10
4.35
5.05
6.00
7.85
5.10
6.00
8.90
14.00 22.00
140
3.65
3.90
4.60
5.60
7.40
4.60
5.50
8.40
13.00 21.00
120
3.20
3.45
4.15
5.15
6.95
4.10
5.10
7.90
13.00 21.00
Range 2
110
2.75
2.95
3.50
4.35
5.95
3.40
4.20
6.30
9.50
16.00
72
1.95
2.20
2.75
3.60
5.15
2.60
3.30
5.50
8.70
15.00
64
1.80
2.00
2.60
3.45
5.00
2.40
3.10
5.30
8.50
15.00
fHCLK = fHSE bypass mode,
all peripherals disabled
Range 3
55
1.30
1.45
1.95
2.70
4.05
1.70
2.30
3.90
6.40
12.00
32
0.89
1.05
1.55
2.25
3.65
1.30
1.80
3.50
5.90
11.00
1. Evaluated by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com