Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z0409MB Datasheet(PDF) 7 Page - STMicroelectronics

Part # Z0409MB
Description  4 A - Triac in DPAK package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0409MB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button Z0409MB Datasheet HTML 3Page - STMicroelectronics Z0409MB Datasheet HTML 4Page - STMicroelectronics Z0409MB Datasheet HTML 5Page - STMicroelectronics Z0409MB Datasheet HTML 6Page - STMicroelectronics Z0409MB Datasheet HTML 7Page - STMicroelectronics Z0409MB Datasheet HTML 8Page - STMicroelectronics Z0409MB Datasheet HTML 9Page - STMicroelectronics Z0409MB Datasheet HTML 10Page - STMicroelectronics Z0409MB Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Table 5. DPAK package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.20
2.30
2.38
0.0866
0.0906
0.0937
A1
0.90
1.01
1.10
0.0354
0.0398
0.0433
A2
0.00
0.10
0.0000
0.0039
b
0.72
0.85
0.0283
0.335
b4
5.13
5.33
5.46
0.2020
0.2098
0.2150
c
0.47
0.60
0.0185
0.0236
c2
0.47
0.60
0.0185
0.0236
D
6.00
6.10
6.20
0.2362
0.2402
0.2441
D1
5.15
5.40
5.65
0.2028
0.2126
0.2224
E
6.50
6.60
6.70
0.2550
0.2598
0.2638
E1
4.70
4.85
5.00
0.1850
0.1909
0.1969
e
2.186
2.286
2.386
0.0860
0.0900
0.0940
H
9.80
10.10
10.40
0.3858
0.3976
0.4094
L
1.40
1.50
1.70
0.0551
0.0591
0.0669
L1
2.90 REF
0.1142 REF
L2
0.90
1.25
0.0354
0.0492
L3
0.51 BSC
0.201 BSC
L4
0.60
0.80
1.00
0.0236
0.0315
0.0394
L6
1.80 BSC
0.0709 BSC
ϴ1
5°
7°
9°
5°
7°
9°
ϴ2
5°
7°
9°
5°
7°
9°
V2
0°
8°
0°
8°
1. Dimensions in inches are given for reference only
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
Z0409MB
DPAK package information
DS14022 - Rev 1
page 7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com