Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z0410MB Datasheet(PDF) 6 Page - STMicroelectronics

Part # Z0410MB
Description  4 A - Triac in DPAK package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0410MB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button Z0410MB Datasheet HTML 2Page - STMicroelectronics Z0410MB Datasheet HTML 3Page - STMicroelectronics Z0410MB Datasheet HTML 4Page - STMicroelectronics Z0410MB Datasheet HTML 5Page - STMicroelectronics Z0410MB Datasheet HTML 6Page - STMicroelectronics Z0410MB Datasheet HTML 7Page - STMicroelectronics Z0410MB Datasheet HTML 8Page - STMicroelectronics Z0410MB Datasheet HTML 9Page - STMicroelectronics Z0410MB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
DPAK package information
•
Molding compouned resin is halogen free and meets UL94 flammability standard, level V0
•
Lead-free package leads plating
Figure 13. DPAK package outline
Z0410MB
Package information
DS14021 - Rev 1
page 6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com