Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U535CEU6QTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32U535CEU6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535CEU6QTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32U535CEU6QTR Datasheet HTML 28Page - STMicroelectronics STM32U535CEU6QTR Datasheet HTML 29Page - STMicroelectronics STM32U535CEU6QTR Datasheet HTML 30Page - STMicroelectronics STM32U535CEU6QTR Datasheet HTML 31Page - STMicroelectronics STM32U535CEU6QTR Datasheet HTML 32Page - STMicroelectronics STM32U535CEU6QTR Datasheet HTML 33Page - STMicroelectronics STM32U535CEU6QTR Datasheet HTML 34Page - STMicroelectronics STM32U535CEU6QTR Datasheet HTML 35Page - STMicroelectronics STM32U535CEU6QTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 278 page
background image
Functional overview
STM32U535xx
32/278
DS14217 Rev 1
•
Power management
–
Operating modes
–
Voltage scaling control
–
Low-power modes
•
VBAT battery charging
•
TrustZone security and privileged protection
3.9.1
Power supply schemes
The devices require a 1.71 V to 3.6 V VDD operating voltage supply. Several independent
supplies can be provided for specific peripherals:
•
VDD = 1.71 V to 3.6 V (functionality guaranteed down to VBORx min value)
VDD is the external power supply for the I/Os, the internal regulator and the system
analog such as reset, power management and internal clocks. It is provided externally
through the VDD pins.
•
VDDA = 1.58 V (COMPs) / 1.6 V (DACs, OPAMPs) / 1.62 V (ADCs) /
1.8 V (VREFBUF) to 3.6 V
VDDA is the external analog power supply for ADCs, DACs, voltage reference buffer,
operational amplifiers and comparators. The VDDA voltage level is independent from
the VDD voltage and must be connected to VDD or VSS pin (preferably to VDD) when
these peripherals are not used.
•
VDDSMPS = 1.71 V to 3.6 V
VDDSMPS is the external power supply for the SMPS step down converter. It is provided
externally through VDDSMPS supply pin and must be connected to the same supply
than VDD.
•
VLXSMPS is the switched SMPS step down converter output.
Note:
The SMPS power supply pins are available only on a specific package with SMPS step
down converter option.
•
VDDUSB = 3.0 V to 3.6 V
VDDUSB is the external independent power supply for USB transceivers. VDDUSB
voltage level is independent from the VDD voltage and must be connected to VDD or
VSS pin (preferably to VDD) when the USB is not used.
•
VDDIO2 = 1.08 V to 3.6 V
VDDIO2 is the external power supply for 14 I/Os (port G[15:2]). The VDDIO2 voltage level
is independent from the VDD voltage and must be connected to VDD or VSS pin
(preferably to VDD) when PG[15:2] are not used.
•
VBAT = 1.65 V to 3.6 V (functionality guaranteed down to VBOR_VBAT min value)
VBAT is the power supply for RTC, TAMP, external and internal clocks 32 kHz
oscillators and backup registers (through power switch) when VDD is not present.
•
VREF-, VREF+
VREF+ is the input reference voltage for ADCs and DACs. It is also the output of the
internal voltage reference buffer when enabled.
VREF+ can be grounded when ADC and DAC are not active.
The internal voltage reference buffer supports four outputs:
–VREF+ around 1.5 V. This requires VDDA ≥ 1.8 V.
–VREF+ around 1.8 V. This requires VDDA ≥ 2.1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com