Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32C011D4M7 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32C011D4M7
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011D4M7 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32C011D4M7 Datasheet HTML 41Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 42Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 43Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 44Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 45Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 46Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 47Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 48Page - STMicroelectronics STM32C011D4M7 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
DS13866 Rev 3
45/94
STM32C011x4/x6
Electrical characteristics
79
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSI48/HSIDIV
= 48 MHz
(HSIDIV = 1)
Reduced code(3)
Flash
memory
3.75
mA
78.1
μA/MHz
Coremark
3.50
72.9
Dhrystone
3.55
74.0
Fibonacci
2.75
57.3
WhileLoop
2.15
44.8
Reduced code(3)
SRAM
3.15
65.6
Coremark
3.05
63.5
Dhrystone
3.05
63.5
Fibonacci
3.20
66.7
WhileLoop
2.50
52.1
fHCLK = fHSI48/HSIDIV
= 12 MHz
(HSIDIV = 4)
Reduced code(3)
Flash
memory
1.45
120.8
Coremark
1.40
116.7
Dhrystone
1.40
116.7
Fibonacci
1.15
95.8
WhileLoop
1.00
83.3
Reduced code(3)
SRAM
1.30
108.3
Coremark
1.25
104.2
Dhrystone
1.25
104.2
Fibonacci
1.30
108.3
WhileLoop
1.10
91.7
fHCLK = fHSI48/HSIDIV
= 3 MHz
(HSIDIV = 16)
Reduced code(3)
Flash
memory
0.855
μA
285.0
μA/MHz
Coremark
0.835
278.3
Dhrystone
0.835
278.3
Fibonacci
0.780
260.0
WhileLoop
0.745
248.3
Reduced code(3)
SRAM
0.810
270.0
Coremark
0.800
266.7
Dhrystone
0.800
266.7
Fibonacci
0.810
270.0
WhileLoop
0.770
256.7
1. VDD = 3.0 V, all peripherals disabled
2. Prefetch and cache enabled when fetching from flash
3. Reduced code used for characterization results provided in Table 27.
Table 29. Typical current consumption in Run depending on code executed (continued)
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
General(1)
Code
Fetch
from(2)
25 °C
25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com