Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U595AIY6QTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32U595AIY6QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AIY6QTR Datasheet(HTML) 1 Page - STMicroelectronics

  STM32U595AIY6QTR Datasheet HTML 1Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 2Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 3Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 4Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 5Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 6Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 7Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 8Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 377 page
background image
This is information on a product in full production.
February 2023
DS13633 Rev 1
1/377
STM32U59xxx
Ultra-low-power Arm® Cortex®-M33 32-bit MCU+TrustZone®+FPU,
240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI®DSI
Datasheet
- production data
Features
Includes ST state-of-the-art patented
technology
Ultra-low-power with FlexPowerControl
• 1.71 V to 3.6 V power supply
• - 40 °C to + 85/125 °C temperature range
• Low-power background autonomous mode
(LPBAM): autonomous peripherals with DMA,
functional down to Stop 2 mode
• VBAT mode: supply for RTC, 32 x 32-bit backup
registers and 2-Kbyte backup SRAM
• 150 nA Shutdown mode (24 wake-up pins)
• 195 nA Standby mode (24 wake-up pins)
• 480 nA Standby mode with RTC
• 2 μA Stop 3 mode with 40-Kbyte SRAM
• 8.2 μA Stop 3 mode with 2.5-Mbyte SRAM
• 4.65 µA Stop 2 mode with 40-Kbyte SRAM
• 17.5 µA Stop 2 mode with 2.5-Mbyte SRAM
• 18.5 μA/MHz Run mode at 3.3 V
Core
• Arm® 32-bit Cortex®-M33 CPU with
TrustZone®, MPU, DSP, and FPU
ART Accelerator
• 32-Kbyte ICACHE allowing 0-wait-state
execution from Flash and external memories:
frequency up to 160 MHz, 240 DMIPS
• 16-Kbyte DCACHE1 for external memories
Power management
• Embedded regulator (LDO) and SMPS
step-down converter supporting switch
on-the-fly and voltage scaling
Benchmarks
• 1.5 DMIPS/MHz (Drystone 2.1)
• 651 CoreMark® (4.07 CoreMark®/MHz)
• 369 ULPMark™-CP
• 89 ULPMark™-PP
• 47.2 ULPMark™-CM
• 120000 SecureMark™-TLS
Memories
• Up to 4-Mbyte Flash memory with ECC, 2
banks read-while-write, including 512 Kbytes
with 100 kcycles
• With SRAM3 ECC off: 2514-Kbyte RAM
including 66 Kbytes with ECC
• With SRAM3 ECC on: 2450-Kbyte RAM
including 322 Kbytes with ECC
• External memory interface supporting SRAM,
PSRAM, NOR, NAND, and FRAM memories
• 2 Octo-SPI memory interfaces
• 16-bit HSPI memory interface up to 160 MHz
Rich graphic features
• Neo-Chrom GPU (GPU2D) accelerating any
angle rotation, scaling, and perspective correct
texture mapping
• 16-Kbyte DCACHE2
• Chrom-ART accelerator (DMA2D) for smooth
motion and transparency effects
• Chrom-GRC (GFXMMU) allowing up to 20 %
of graphic resources optimization
• MIPI® DSI Host controller with two DSI lanes
running at up to 500 Mbit/s each
• LCD-TFT controller (LTDC)
• Digital camera interface
LQFP64 (10 x 10 mm)
LQFP100 (14 x 14 mm)
LQFP144 (20 x 20 mm)
WLCSP150
(5.38 x 5.47 mm)
WLCSP208
(5.38 x 5.47 mm)
UFBGA132 (7 x 7 mm)
TFBGA169 (7 x 7 mm)
TFBGA216 (13 x 13 mm)
www.st.com


Similar Part No. - STM32U595AIY6QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U595AIH6 STMICROELECTRONICS-STM32U595AIH6 Datasheet
1Mb / 30P
Getting started with STM32CubeU5 for STM32U5 series
12-Jan-2024
STM32U595AIH6Q STMICROELECTRONICS-STM32U595AIH6Q Datasheet
1Mb / 30P
Getting started with STM32CubeU5 for STM32U5 series
12-Jan-2024
More results

Similar Description - STM32U595AIY6QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
logo
STMicroelectronics
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
STMicroelectronics
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
logo
STMicroelectronics
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com