Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SKY-MXM-R3000-6SDA Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SKY-MXM-R3000-6SDA
Description  MXM GPU Expansion Module for New AI Application with MIC-7 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SKY-MXM-R3000-6SDA Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SKY-MXM-R3000-6SDA Datasheet HTML 1Page - Advantech Co., Ltd. SKY-MXM-R3000-6SDA Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Modular IPCs
Features
MIC-75GF10
ƒ
Support NVIDIA MXM GPU with whole system fanless design
ƒ
Support up to 80W NVIDIA Quadro MXM 3.1 Type A/B form factor GPU
ƒ
1 x HDMI and 3 x DisplayPort 1.4a display output
ƒ
Operating Temp. -10~50C
ƒ
Support 1Grms Op. vibration
ƒ
Dual front removable 2.5" storage bay for easy swap
ƒ
IP40 fanless ruggedized compact size design
ƒ
MIC-7 Series compatible
Introduction
MIC-75GF10 is born to support NVIDIA Quadro MXM GPU card. Work with MIC-7 series, the whole system fanless compact size design is the most ideal solution for space, noise
and dust sensitive environment.
MIC-75GF10 supports Advantech SKY-MXM series NVIDIA Quadro MXM 3.1 Type A/B GPU and compatible to MIC-7 series high performance industrial fanless computer, enabling
excellent CPU and GPU computing power for new AI application.
Specification
Expansion slot
1 x PCIe x4 and 1 x MXM 3.1 connector with PCIe x16 signal
Display
1 x HDMI (1920x1080), 3 x Display Port (DP 1.4a)
SATA Connector
1 x SATA Signal, 1 x SATA Power
Storage
2 x 2.5" swappable HDD/SSD storage bay
Power
MXM Connector: 80W, PCIe x4 slot: 25W
Power consumption: Max. Load: 170W (test with 80W MXM GPU and MIC-770 V2 system with 35W CPU)*
1 x 4-pin Conn. for add-on card (12VDC, 5A)
Enviroment
Operating Temp.: T1000: -10 ~ 50 °C; RTX-3000/A2000/A1000: -10 ~ 40 °C (35W CPU and industrial wide-temp. RAM/SSD)
Vibration: With SSD: 1 Grms @ 5~500 Hz, randon, 1 hr/axis
Shock: With SSD: 10G, IEC-68-2-27, half-sine wave, 11 ms duration
Mechanical
N.W.: 3 kg; G.W: 5 kg (MIC-75GF10 only, without MXM GPU and MXM heatspreader)
Dimension (W x H x D): 113 x 192 x 230 mm
* Support 35W TDP CPU only.
Front View
MXM GPU Expansion Module for New AI
Application with MIC-7 Series
2 x 2.5" swappable storage bay
(up to 15mm thickness)
MXM Conn.
PCIe x16
HDMI
PCIe x4 for add-on card
DisplayPort
NEW
Ordering Instruction
Note 1: Need to order MIC-75GF10-00A1, MXM GPU and MXM heatspreder.
Note 2: 2x heatspreader thermal pads are in accessory box by default. Type A MXM use 1x, Type B MXM use 2x.
MXM GPU
MXM
Heatspreader
MIC-75GF10-00A1
Heatspreader
thermal pad
All product specifications are subject to change without notice.
Last updated: 3-Aug-2022


Similar Part No. - SKY-MXM-R3000-6SDA

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SKY-MXM-R3000-6SDA ADVANTECH-SKY-MXM-R3000-6SDA Datasheet
405Kb / 2P
MXM 3.1 Type B NVIDIA® Quadro® Embedded RTX3000 with DP 1.4a
15-Dec-2022
More results

Similar Description - SKY-MXM-R3000-6SDA

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
MVP-5100 ADLINK-MVP-5100 Datasheet
443Kb / 2P
Embedded GPU/AI Platforms
MVP-5100-MXM ADLINK-MVP-5100-MXM Datasheet
443Kb / 2P
Embedded GPU/AI Platforms
logo
Moxa Inc.
DA-UPCI-DK MOXA-DA-UPCI-DK Datasheet
664Kb / 2P
Expansion module with a universal PCI expansion slot
logo
Advantech Co., Ltd.
I-MODULE ADVANTECH-I-MODULE Datasheet
1Mb / 3P
Expansion Module for MIC-7000 Series
11-Apr-2018
logo
List of Unclassifed Man...
900-82888-0040-000 ETC-900-82888-0040-000 Datasheet
192Kb / 2P
NVIDIA JETSON AGX XAVIER MODULE A NEW AI MILESTONE FOR AUTONOMOUS MACHINES.
MAR19
logo
Advantech Co., Ltd.
98910770300 ADVANTECH-98910770300 Datasheet
1Mb / 2P
I/O Expansion Kit for MIC-7 Series
20-May-2020
ITA-3650G ADVANTECH-ITA-3650G Datasheet
706Kb / 2P
Intel 6th & 7th Generation Desktop Processor Fanless System with GPU module for Traffic Application
18-Feb-2021
MIC-75G20 ADVANTECH-MIC-75G20 Datasheet
1Mb / 3P
GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
2-Dec-2022
MIC-75G30 ADVANTECH-MIC-75G30 Datasheet
1Mb / 3P
Dual GPU Expansion Module for Video AI Edge Computing with MIC-7 Series
12-Dec-2022
logo
Lanner All Rights Reser...
LEC-2290E LANNER-LEC-2290E Datasheet
380Kb / 1P
Nvidia NGC-ready Edge AI Appliance With NVIDIA® A2 GPU Compatibility
V.1-2022.04.22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com