Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25TV64K Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST25TV64K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV64K Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST25TV64K Datasheet HTML 4Page - STMicroelectronics ST25TV64K Datasheet HTML 5Page - STMicroelectronics ST25TV64K Datasheet HTML 6Page - STMicroelectronics ST25TV64K Datasheet HTML 7Page - STMicroelectronics ST25TV64K Datasheet HTML 8Page - STMicroelectronics ST25TV64K Datasheet HTML 9Page - STMicroelectronics ST25TV64K Datasheet HTML 10Page - STMicroelectronics ST25TV64K Datasheet HTML 11Page - STMicroelectronics ST25TV64K Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
•
At least one area exists (Area1), starting at block address 0000h, and finishing at ENDA1, with ENDA1 =
ENDA2 = ENDA3 = End of user memory (factory setting).
•
Two areas can be defined by setting ENDA1 < ENDA2 = ENDA3 = End of user memory
•
Three areas can be defined by setting ENDA1 < ENDA2 < ENDA3 = End of user memory
•
A maximum of four areas can be defined by setting ENDA1 < ENDA2 < ENDA3 < End of user memory
•
Area 1 specificities
–
Start is always Block address 0000h
–
Minimum size is 8 blocks (32 bytes) when ENDA1 = 00h
–
The area is always readable
•
The last area always finishes on the last user memory Block address (ENDA4 does not exist).
•
All areas are contiguous: end of Area(n) + one Block address is always start of Area(n+1).
Area size programming
The user must first open the configuration security session to write ENDAi registers.
When programming an ENDAi register, the following rule must be respected:
•
ENDAi-1 < ENDAi ≤ ENDAi+1 = FFh (end of user memory).
This means that prior to programming any ENDAi register, its successor (ENDAi+1) must first be programmed to
the last block of memory:
•
Successful ENDA3 programming condition: ENDA2 < ENDA3 ≤ End of user memory
•
Successful ENDA2 programming condition: ENDA1 < ENDA2 ≤ ENDA3 = End of user memory
•
Successful ENDA1 programming condition: ENDA1 ≤ ENDA2 = ENDA 3 = End of user memory
If this rule is not respected, an error 0Fh is returned, and programming is not done.
To respect this rule, the following procedure is recommended when programming Areas size (even for changing
only one Area size):
1.
Ends of Areas 3 and 2 must first be set to the end of memory while respecting the following order:
a.
If ENDA3 ≠ end of user memory, then set ENDA3 = end of memory; else, do not write ENDA3
b.
If ENDA2 ≠ end of user memory, then set ENDA2 = end of memory; else, do not write ENDA2
2.
Then, desired area limits can be set respecting the following order:
a.
Set new ENDA1 value
b.
Set new ENDA2 value, with ENDA2 > ENDA1
c.
Set new ENDA3 value, with ENDA3 > ENDA2
Example of successive user memory area setting (for a ST25TV64K):
1.
Initial state, two areas are defined:
a.
ENDA1 = 10h (last block of Area 1: (10h x 8) + 7 = 0087h)
b.
ENDA2 = FFh (Last block of Area 2: (FFh x 8) + 7 = 07FFh)
c.
ENDA3 = FFh (No Area 3)
◦
Area 1 from block 0000h to 0087h (136 blocks)
◦
Area 2 from block 0088h to 07FFh (1912 blocks)
◦
There is no Area 3
◦
There is no Area 4
2.
Split of user memory in four areas:
a.
ENDA3 is not updated as it is already set to end of memory
b.
ENDA2 is not updated as it is already set to end of memory
c.
Set ENDA1 = 3Fh (Last block of Area 1: (3Fh x 8) + 7 = 01FFh)
d.
Set ENDA2 = 5Fh (Last block of Area 1: (5Fh x 8) + 7 = 02FFh)
e.
Set ENDA3 = BFh (Last block of Area 1: (BFh x 8) + 7 = 05FFh)
◦
Area1 from Block 0000h to 01FFh (512 blocks)
◦
Area2 from Block 0200h to 02FFh (256 blocks)
◦
Area3 from Block 0300h to 05FFh (768 blocks)
◦
Area4 from Block 0600h to 07FFh (512 blocks).
ST25TV16K ST25TV64K
User memory
DS11489 - Rev 9
page 8/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com