Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST32G256A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST32G256A
Description  M2M automotive-grade secure MCU with 32-bit ARM® Cortex®-M3 CPU and up to 512 Kbytes of high density Flash memory
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST32G256A Datasheet(HTML) 1 Page - STMicroelectronics

  ST32G256A Datasheet HTML 1Page - STMicroelectronics ST32G256A Datasheet HTML 2Page - STMicroelectronics ST32G256A Datasheet HTML 3Page - STMicroelectronics ST32G256A Datasheet HTML 4Page - STMicroelectronics ST32G256A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For further information contact your local STMicroelectronics sales office.
January 2016
DocID028873 Rev 1
1/5
ST32G512A ST32G416A
ST32G320A ST32G256A
M2M automotive-grade secure MCU with 32-bit ARM® Cortex®-M3
CPU and up to 512 Kbytes of high density Flash memory
Data brief
Features
Hardware features
 ARM® Cortex® -M3 32-bit RISC core
 12 Kbytes of user RAM
 512 Kbytes of user Flash memory with OTP
area:
– 10-year data retention at 105 °C, or
17 years at 85 °C
– 500 000 Erase/Write cycles per page
– Page granularity of 128 Bytes
– Block granularity: 1 Kbyte
– 128 bytes of OTP for user
– Page Erase time 4 ms
– Block Erase 1 Kbyte in 20 ms
– Programming performance up to
10 μs/byte
– Flash Erase / Write Protection software
programmable on 32 Kbyte sectors
 Asynchronous Receiver Transmitter
supporting ISO/IEC 7816-3 T=0 and T=1
protocols
 Two 16-bit timers with interrupt capability
 1.8 V, 3 V and 5 V supply voltage ranges
 External clock frequency from 1 up to 7.5 MHz
 High performance provided by:
– Typical CPU clock frequency of 17.5 MHz
– External clock multiplier (2x, 3x, and 4x)
 Current consumption compatible with ETSI
specifications
 AECQ100 rev G automotive-grade compliance
 Power-saving Standby state
 Contact assignment compatible ISO 7816-2
 ESD protection greater than 4 kV (HBM)
 8-pin DFN (6 × 5 mm) ECOPACK® package
Security features
 Monitoring of environmental parameters
 Protection against faults
 ISO 3309 CRC calculation block
 True random number generator
 Unique serial number on each die
 Hardware data encryption standard (DES)
accelerator
Software features
 Flash memory loader
 Flash memory drivers
Development environment
 Software development and firmware
generation are supported by a comprehensive
set of development tools dedicated to software
design and validation:
– C compiler, simulator and emulator
Major applications
 eCalls
 Connected car
 Java Card™ applications
DFN8 6×5mm
Table 1. Device summary
Part number
Flash memory
ST32G512A
512 Kbytes
ST32G416A
416 Kbytes
ST32G320A
320 Kbytes
ST32G256A
256 Kbytes
www.st.com


Similar Part No. - ST32G256A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
ST3215SB KSS-ST3215SB Datasheet
105Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB32768C0HPWBB KSS-ST3215SB32768C0HPWBB Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB32768E0HPWBB KSS-ST3215SB32768E0HPWBB Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
logo
AVX Corporation
ST3215SB32768H5HPWAA AVX-ST3215SB32768H5HPWAA Datasheet
115Kb / 1P
Surface Mount Type: Tuning Fork ST3215SB
logo
Kyocera Kinseki Corpota...
ST3215SB32768H5HPWAA KSS-ST3215SB32768H5HPWAA Datasheet
47Kb / 1P
3.2횞1.5mm for Consumer/ Mobile Equipment
More results

Similar Description - ST32G256A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
STMicroelectronics
ST33G1M2 STMICROELECTRONICS-ST33G1M2 Datasheet
170Kb / 4P
Secure MCU with 32-bit ARM짰 SecurCore SC300 CPU and high-density Flash memory
01-Oct-2013
logo
NXP Semiconductors
LPC1823JBD144E PHILIPS-LPC1823JBD144E Datasheet
2Mb / 147P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
STMicroelectronics
ST33G1M2M STMICROELECTRONICS-ST33G1M2M Datasheet
207Kb / 6P
M2M industrial secure MCU with 32-bit ARM® SecurCore® SC300??CPU and high-density Flash memory
Rev 2
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
STMicroelectronics
ST33GXXXA STMICROELECTRONICS-ST33GXXXA Datasheet
181Kb / 6P
Secure MCU with 32-bit ARM® SecurCore® SC300™ CPU,SWP interface and high-density Flash memory, automotive grade
10-Mar-2016
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com