Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACS14K/SAMPLE-03 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ACS14K/SAMPLE-03
Description  Radiation Hardened Hex Inverting Schmitt Trigger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACS14K/SAMPLE-03 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ACS14K/SAMPLE-03 Datasheet HTML 1Page - Renesas Technology Corp ACS14K/SAMPLE-03 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FN4544 Rev.0.00
Page 1 of 2
November 1998
FN4544
Rev.0.00
November 1998
ACS14MS
Radiation Hardened Hex Inverting Schmitt Trigger
DATASHEET
The Radiation Hardened ACS14MS is a Hex Inverting
Schmitt Trigger. This device simply inverts the level present
on each input. The Schmitt Trigger input stage provides
400mV (Min) of hysteresis and permits input signals with
longer rise times. All inputs are buffered and the outputs are
designed for balanced propagation delay and transition
times.
The ACS14MS is fabricated on a CMOS Silicon on Sapphire
(SOS) process, which provides an immunity to Single Event
Latch-up and the capability of highly reliable performance in
any radiation environment. These devices offer significant
power reduction and faster performance when compared to
ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS14MS are
contained in SMD 5962-98623.
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-Up Free Under any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD (Si)
- SEU Immunity. . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Hysteresis Voltage . . . . . . . . . . . . . . . . . . . . 400mV (Min)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . .
8mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . 100
A (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . 14ns (Max)
Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs
Ordering Information
ORDERING NUMBER
INTERNAL MKT. NUMBER
TEMP. RANGE (oC)
PACKAGE
DESIGNATOR
5962F9862301VCC
ACS14DMSR-03
-55 to 125
14 Ld SBDIP
CDIP2-T14
ACS14D/SAMPLE-03
ACS14D/SAMPLE-03
25
14 Ld SBDIP
CDIP2-T14
5962F9862301VXC
ACS14KMSR-03
-55 to 125
14 Ld Flatpack
CDFP4-F14
ACS14K/SAMPLE-03
ACS14K/SAMPLE-03
25
14 Ld Flatpack
CDFP4-F14
5962F9862301V9A
ACS14HMSR-03
25
Die
N/A
Pinouts
ACS14MS
(SBDIP)
TOP VIEW
ACS14MS
(FLATPACK)
TOP VIEW
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
Y1
A2
Y2
A3
Y3
GND
VCC
A6
Y6
A5
Y5
A4
Y4


Similar Part No. - ACS14K/SAMPLE-03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS14K INTERSIL-ACS14K Datasheet
50Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
ACS14KMSR-03 INTERSIL-ACS14KMSR-03 Datasheet
50Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
More results

Similar Description - ACS14K/SAMPLE-03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
Hex Inverting Schmitt Trigger
logo
Intersil Corporation
ACS14MS INTERSIL-ACS14MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
HCS14MS INTERSIL-HCS14MS Datasheet
158Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
HCTS14MS INTERSIL-HCTS14MS Datasheet
131Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Intersil Corporation
HCTS14MS INTERSIL-HCTS14MS_07 Datasheet
231Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
logo
NXP Semiconductors
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Renesas Technology Corp
HCS14MS RENESAS-HCS14MS Datasheet
469Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
HCTS14MS RENESAS-HCTS14MS Datasheet
364Kb / 8P
Radiation Hardened HEX Inverting Schmitt Trigger
March 2007
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com