Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACS374DMSR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ACS374DMSR
Description  Radiation HardenedOctal D Flip-Flop, Three-State
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACS374DMSR Datasheet(HTML) 3 Page - Renesas Technology Corp

  ACS374DMSR Datasheet HTML 1Page - Renesas Technology Corp ACS374DMSR Datasheet HTML 2Page - Renesas Technology Corp ACS374DMSR Datasheet HTML 3Page - Renesas Technology Corp ACS374DMSR Datasheet HTML 4Page - Renesas Technology Corp ACS374DMSR Datasheet HTML 5Page - Renesas Technology Corp ACS374DMSR Datasheet HTML 6Page - Renesas Technology Corp ACS374DMSR Datasheet HTML 7Page - Renesas Technology Corp ACS374DMSR Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACS374MS
FN3997 Rev 0.00
Page 3 of 8
April 1995
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
TPHL1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
14
ns
10, 11
+125oC, -55oC
2
17
ns
TPLH1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
16
ns
10, 11
+125oC, -55oC
2
20
ns
TPZL1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
15
ns
10, 11
+125oC, -55oC
2
19
ns
TPZH1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
16
ns
10, 11
+125oC, -55oC
2
20
ns
TPLZ1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
15
ns
10, 11
+125oC, -55oC
2
19
ns
TPHZ1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
15
ns
10, 11
+125oC, -55oC
2
19
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTE
TEMP
LIMITS
UNITS
MIN
TYP
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1+25oC-
25
-
pF
+125oC-
30
-
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1+25oC-
-
10
pF
+125oC-
-
10
pF
Output Capacitance
COUT
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1+25oC-
-
20
pF
+125oC-
-
20
pF
Pulse Width Time
TW
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1+25oC4.5
-
-
ns
+125oC5
-
-
ns
Setup Time
TSU
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1+25oC3.5
-
-
ns
+125oC4
-
-
ns
Hold Time
TH
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1+25oC3.5
-
-
ns
+125oC4
-
-
ns
Maximum Frequency
CP
FMAX
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
1+25oC
0
-
100
MHz
+125oC
0
-
100
MHz
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com