Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G0C1CCI7 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32G0C1CCI7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1CCI7 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32G0C1CCI7 Datasheet HTML 15Page - STMicroelectronics STM32G0C1CCI7 Datasheet HTML 16Page - STMicroelectronics STM32G0C1CCI7 Datasheet HTML 17Page - STMicroelectronics STM32G0C1CCI7 Datasheet HTML 18Page - STMicroelectronics STM32G0C1CCI7 Datasheet HTML 19Page - STMicroelectronics STM32G0C1CCI7 Datasheet HTML 20Page - STMicroelectronics STM32G0C1CCI7 Datasheet HTML 21Page - STMicroelectronics STM32G0C1CCI7 Datasheet HTML 22Page - STMicroelectronics STM32G0C1CCI7 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 159 page
background image
DS13564 Rev 4
19/159
STM32G0C1xC/xE
Functional overview
36
3.7.4
Low-power modes
By default, the microcontroller is in Run mode after system or power reset. It is up to the
user to select one of the low-power modes described below:
•
Sleep mode
In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can
wake up the CPU when an interrupt/event occurs.
•
Low-power run mode
This mode is achieved with VCORE supplied by the low-power regulator to minimize the
regulator's operating current. The code can be executed from SRAM or from Flash,
and the CPU frequency is limited to 2 MHz. The peripherals with independent clock can
be clocked by HSI16.
•
Low-power sleep mode
This mode is entered from the low-power run mode. Only the CPU clock is stopped.
When wakeup is triggered by an event or an interrupt, the system reverts to the Low-
power run mode.
•
Stop 0 and Stop 1 modes
In Stop 0 and Stop 1 modes, the device achieves the lowest power consumption while
retaining the SRAM and register contents. All clocks in the VCORE domain are stopped.
The PLL, as well as the HSI16 RC oscillator and the HSE crystal oscillator are
disabled. The LSE or LSI keep running. The RTC can remain active (Stop mode with
RTC, Stop mode without RTC).
Some peripherals with wakeup capability can enable the HSI16 RC during Stop mode,
so as to get clock for processing the wakeup event. The main regulator remains active
in Stop 0 mode while it is turned off in Stop 1 mode.
•
Standby mode
The Standby mode is used to achieve the lowest power consumption, with POR/PDR
always active in this mode. The main regulator is switched off to power down VCORE
domain. The low-power regulator is either switched off or kept active. In the latter case,
it only supplies SRAM to ensure data retention. The PLL, as well as the HSI16 RC
oscillator and the HSE crystal oscillator are also powered down. The RTC can remain
active (Standby mode with RTC, Standby mode without RTC).
For each I/O, the software can determine whether a pull-up, a pull-down or no resistor
shall be applied to that I/O during Standby mode.
Upon entering Standby mode, register contents are lost except for registers in the RTC
domain and standby circuitry. The SRAM contents can be retained through register
setting.
The device exits Standby mode upon external reset event (NRST pin), IWDG reset
event, wakeup event (WKUP pin, configurable rising or falling edge) or RTC event
(alarm, periodic wakeup, timestamp, tamper), or when a failure is detected on LSE
(CSS on LSE).
•
Shutdown mode
The Shutdown mode allows to achieve the lowest power consumption. The internal
regulator is switched off to power down the VCORE domain. The PLL, as well as the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com