Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G0C1CCT3 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32G0C1CCT3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1CCT3 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32G0C1CCT3 Datasheet HTML 92Page - STMicroelectronics STM32G0C1CCT3 Datasheet HTML 93Page - STMicroelectronics STM32G0C1CCT3 Datasheet HTML 94Page - STMicroelectronics STM32G0C1CCT3 Datasheet HTML 95Page - STMicroelectronics STM32G0C1CCT3 Datasheet HTML 96Page - STMicroelectronics STM32G0C1CCT3 Datasheet HTML 97Page - STMicroelectronics STM32G0C1CCT3 Datasheet HTML 98Page - STMicroelectronics STM32G0C1CCT3 Datasheet HTML 99Page - STMicroelectronics STM32G0C1CCT3 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
96/159
DS13564 Rev 4
All I/Os are CMOS- and TTL-compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters, as shown
in Figure 24.
Figure 24. I/O input characteristics
Characteristics of FT_e I/Os
The following table and figure specify input characteristics of FT_e I/Os.
4. This value represents the pad leakage of the I/O itself. The total product pad leakage is provided by this formula:
ITotal_Ileak_max = 10 µA + [number of I/Os where VIN is applied on the pad] ₓ Ilkg(Max).
5. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimal (~10% order).
MSv47925V1
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0
0.5
1
1.5
2
2.5
3
Minimum required
logic level 1 zone
Minimum required
logic level 0 zone
VIHmin
= 0.7
VDDIO
(CMOS
standard
requirement)
VILmax = 0.3
VDDIO
(CMOS standard
requirement)
Undefined input range
VIHmin =
0.49 VDDIO
+ 0.26
VILmax = 0.39
VDDIO - 0.06
VIN (V)
VDDIO (V)
TTL standard requirement
TTL standard requirement
Device characteristics
Test thresholds
Table 56. Input characteristics of FT_e I/Os
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IINJ
Injected current on pin
-
-
-
5
mA
VDDIO1-VIN
Voltage over VDDIO1
IINJ = 5 mA
-
-
2
V
Rd
Diode dynamic serial resistor
IINJ = 5 mA
-
-
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com