Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGT120R65AL Datasheet(PDF) 7 Page - STMicroelectronics

Part # SGT120R65AL
Description  650 V, 75 mΩ typ., 15 A, e-mode PowerGaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGT120R65AL Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SGT120R65AL Datasheet HTML 3Page - STMicroelectronics SGT120R65AL Datasheet HTML 4Page - STMicroelectronics SGT120R65AL Datasheet HTML 5Page - STMicroelectronics SGT120R65AL Datasheet HTML 6Page - STMicroelectronics SGT120R65AL Datasheet HTML 7Page - STMicroelectronics SGT120R65AL Datasheet HTML 8Page - STMicroelectronics SGT120R65AL Datasheet HTML 9Page - STMicroelectronics SGT120R65AL Datasheet HTML 10Page - STMicroelectronics SGT120R65AL Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Figure 13. Typical drain-source on-resistance (TC = 25 °C)
GADG031220211551RID_25
105
95
85
75
65
0
10
20
30
40
50
RDS(on)
(mΩ)
ID (A)
VGS = 5 V
VGS = 6 V
Figure 14. Typical drain-source on-resistance
(TC = 150 °C)
GADG031220211552RID_150
235
225
215
205
195
185
175
0
5
10
15
20
RDS(on)
(mΩ)
ID (A)
VGS = 5 V
VGS = 6 V
Figure 15. Typical reverse conduction characteristics
(TC = 25 °C)
GADG031220211554RCC_25
30
25
20
15
10
5
0
0
2
4
6
8
ISD
(A)
VSD (V)
VGS = 6 V
VGS = 0 V
VGS = -3 V
Figure 16. Typical reverse conduction characteristics
(TC = 150 °C)
GADG101220210720RCC_150
16
12
8
4
0
0
2
4
6
8
ISD
(A)
VSD (V)
VGS = 6 V
VGS = 0 V
VGS = -3 V
Figure 17. Normalized gate threshold vs temperature
GADG031220211555VTH
1.2
1.1
1.0
0.9
0.8
0.7
-75
-25
25
75
125
VGS(th)
(norm.)
TC (°C)
VDS = 0.1 V, ID = 12 mA
SGT120R65AL
Electrical characteristics (curves)
DS13322 - Rev 11
page 7/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com