Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNF1048FTR Datasheet(PDF) 45 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 41Page - STMicroelectronics VNF1048FTR Datasheet HTML 42Page - STMicroelectronics VNF1048FTR Datasheet HTML 43Page - STMicroelectronics VNF1048FTR Datasheet HTML 44Page - STMicroelectronics VNF1048FTR Datasheet HTML 45Page - STMicroelectronics VNF1048FTR Datasheet HTML 46Page - STMicroelectronics VNF1048FTR Datasheet HTML 47Page - STMicroelectronics VNF1048FTR Datasheet HTML 48Page - STMicroelectronics VNF1048FTR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Table 46. QFN32L 5x5 mechanical data
Ref.
Dimension
Millimeters
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
-
0.05
A2
0.2 REF
A3
0.1
D
5.00 BSC
D2
3.40
3.50
3.60
E
5.00 BSC
E2
3.40
3.50
3.60
e1
0.5 BSC
k
0.20
-
-
L1
.
0.05
La
0.40
0.50
0.50
bA
0.20
0.25
0.30
h
0.19 REF
h1
0.19 REF
LB
0.45
0.5
0.55
bB
0.20
0.25
0.30
N
32
R1
-
0.1
Table 47. Tolerance of form and position
Symbol
Tolerance
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
VNF1048F
QFN32L 5x5 package information
DS13084 - Rev 6
page 45/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com