Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM4T68CAY Datasheet(PDF) 12 Page - STMicroelectronics

Part # SM4T68CAY
Description  Automotive 400 W TVS in SMA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T68CAY Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SM4T68CAY Datasheet HTML 6Page - STMicroelectronics SM4T68CAY Datasheet HTML 7Page - STMicroelectronics SM4T68CAY Datasheet HTML 8Page - STMicroelectronics SM4T68CAY Datasheet HTML 9Page - STMicroelectronics SM4T68CAY Datasheet HTML 10Page - STMicroelectronics SM4T68CAY Datasheet HTML 11Page - STMicroelectronics SM4T68CAY Datasheet HTML 12Page - STMicroelectronics SM4T68CAY Datasheet HTML 13Page - STMicroelectronics SM4T68CAY Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
4
Ordering information
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
SM4TxxAY/CAY(1)
See Table 6. Marking.
SMA
72 mg
5000
Tape and reel
1. Where xx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version.
Table 6. Marking
Order code
Marking
Order code
Marking
SM4T6V7AY
AEY
SM4T6V7CAY
AAY
SM4T7V6AY
DUCY
SM4T7V6CAY
DBCY
SM4T10AY
DUHY
SM4T10CAY
DBHY
SM4T12AY
AXY
SM4T12CAY
ACY
SM4T14AY
DUKY
SM4T14CAY
DBKY
SM4T15AY
BGY
SM4T15CAY
BHY
SM4T18AY
BMY
SM4T18CAY
AJY
SM4T21AY
DUQY
SM4T21CAY
DBQY
SM4T23AY
DURY
SM4T23CAY
DBRY
SM4T26AY
DUSY
SM4T26CAY
DBSY
SM4T28AY
DUTY
SM4T28CAY
DBTY
SM4T30AY
DUUY
SM4T30CAY
DBUY
SM4T33AY
CGY
SM4T33CAY
CHY
SM4T35AY
CKY
SM4T35CAY
CLY
SM4T39AY
CMY
SM4T39CAY
CNY
SM4T47AY
DUZY
SM4T47CAY
DBZY
SM4T50AY
EUAY
SM4T50CAY
EBAY
SM4T56AY
CXY
SM4T56CAY
CYY
SM4T68AY
EUFY
SM4T68CAY
EBFY
SM4T82AY
EUIY
SM4T82CAY
EBIY
Note:
Marking differentiation between unidirectional and bidirectional devices is done with cathode bar.
SM4TxxAY, SM4TxxCAY
Ordering information
DS6927 - Rev 5
page 12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com